Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N2596G Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # N2596G
Description  150 KHz 3A Step-Down Switching Voltage Regulator (SVR)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

N2596G Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  N2596G Datasheet HTML 1Page - List of Unclassifed Manufacturers N2596G Datasheet HTML 2Page - List of Unclassifed Manufacturers N2596G Datasheet HTML 3Page - List of Unclassifed Manufacturers N2596G Datasheet HTML 4Page - List of Unclassifed Manufacturers N2596G Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
150 KHz 3A Step-Down
Switching Voltage Regulator (SVR)
N2596G
TO-263, TO220
SEP-14-2004
NIKO-SEM
ABSOLUTE MAXIMUM RATINGS
Maximum Supply Voltage
30V
ON/OFF Pin Input Voltage
-0.3
≤V≤+V
I
Thermal Resistance
Junction to Ambient,
θ
JA
TO-220
TO-263
50°C/W
60°C/W
Output Voltage to Ground
(Stead State)
-1V
Operating Junction
Temperature Range
-40 to 125°C
Power Dissipation
Internally
Limited
Storage Temperature
Range
-65 to 150°C
Thermal Resistance
Junction to Case,
θ
JC
2.0°C/W
Lead Temperature
(Soldering, 10 Seconds)
260°C
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, TA = 25°C.)
Parameter
Symbol
Test Conditions
Typical
Limits
Feedback Voltage
VOUT
VIN = 12V, VOUT = 5V
ILOAD = 0.5A
1.230V
1.217VMin
1.243VMax
Feedback Voltage
VOUT
8V
≤ V
IN ≤ 27V
0.5A
≤ I
LOAD ≤ 3A
1.230V
1.193VMin
1.267VMax
Efficiency
η
VIN = 12V, VOUT = 5V
IOUT = 3A
77%
Feedback Bias
Current
IB
VOUT = 5V
50nA
100nA
Oscillator
Frequency
FOSC
150KHz
127KHz (Min)
173KHz (Max)
Saturation Voltage
VSAT
IOUT = 3A
1.4V
1.8VMax
Current Limit
ICL
6.0A
4.0A ~ 7.0A
VIH
VOUT = 0V
1.4V
2.2V (Min)
ON/OFF Pin Logic
Input Level
VIL
VOUT = Nominal Output Voltage
1.2V
1.0V (Max)
IIH
ON/OFF Pin = 5V (OFF)
12
µA
30
µA (Max)
ON/OFF Pin Logic
Input Current
IIL
ON/OFF Pin = 0V (ON)
0
µA
10
µA (Max)
REMARK: Orders for parts with Lead-Free plating can be placed using the N2596XG parts name.
DEVICE SELECTION GUIDE
Device
N2596SG
N2596TG
Voltage (V)
ADJ
ADJ
Current (A)
3
Package
TO-263
TO-220


Similar Part No. - N2596G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N2596G-5 ETC2-N2596G-5 Datasheet
135Kb / 5P
   150 KHz 3A Step-Down Switching Voltage Regulator (SVR)-Preliminary
More results

Similar Description - N2596G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N2596G-5 ETC2-N2596G-5 Datasheet
135Kb / 5P
   150 KHz 3A Step-Down Switching Voltage Regulator (SVR)-Preliminary
N2576G-5 ETC1-N2576G-5 Datasheet
55Kb / 5P
   52 KHz 3A Step-Down Switching Voltage Regulator (SVR)
N2576 ETC2-N2576 Datasheet
56Kb / 5P
   52 KHz 3A Step-Down Switching Voltage Regulator (SVR)
N2576G ETC1-N2576G Datasheet
127Kb / 5P
   52 KHz 3A Step-Down Switching Voltage Regulator (SVR)
N2576G-3.3 ETC1-N2576G-3.3 Datasheet
46Kb / 5P
   52 KHz 3A Step-Down Switching Voltage Regulator (SVR)
AMC2596 ETC1-AMC2596 Datasheet
540Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
logo
ADDtek Corp
AMC2596 ADDTEK-AMC2596 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596SX-ADJ NSC-LM2596SX-ADJ Datasheet
736Kb / 31P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com