Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RJK5015DPK Datasheet(PDF) 1 Page - Renesas Technology Corp

Part No. RJK5015DPK
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

RJK5015DPK Datasheet(HTML) 1 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REJ03G1360-0200 Rev.2.00 Apr 18, 2007
Page 1 of 6
RJK5015DPK
Silicon N Channel MOS FET
High Speed Power Switching
REJ03G1360-0200
Rev.2.00
Apr 18, 2007
Features
• Low on-resistance
• Low leakage current
• High speed switching
Outline
RENESAS Package code: PRSS0004ZE-A
(Package name:TO-3P)
1
2
3
D
S
G
1. Gate
2. Drain (Flange)
3. Source
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
500
V
Gate to source voltage
VGSS
±30
V
Drain current
ID
25
A
Drain peak current
ID (pulse)
Note1
75
A
Body-drain diode reverse drain current
IDR
25
A
Body-drain diode reverse drain peak current
IDR (pulse)
Note1
75
A
Avalanche current
IAP
Note3
7
A
Avalanche energy
EAR
Note3
2.7
mJ
Channel dissipation
Pch
Note2
150
W
Channel to case thermal impedance
θch-c
0.833
°C/W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value at Tc = 25
°C
3. STch = 25
°C, Tch ≤ 150°C


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn