Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1085T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TEA1085T
Description  Listening-in circuit for line-powered telephone sets
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1085T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TEA1085T Datasheet HTML 4Page - NXP Semiconductors TEA1085T Datasheet HTML 5Page - NXP Semiconductors TEA1085T Datasheet HTML 6Page - NXP Semiconductors TEA1085T Datasheet HTML 7Page - NXP Semiconductors TEA1085T Datasheet HTML 8Page - NXP Semiconductors TEA1085T Datasheet HTML 9Page - NXP Semiconductors TEA1085T Datasheet HTML 10Page - NXP Semiconductors TEA1085T Datasheet HTML 11Page - NXP Semiconductors TEA1085T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
March 1992
8
Philips Semiconductors
Preliminary specification
Listening-in circuit for line-powered
telephone sets
TEA1085; TEA1085A
Supply amplifier stability (SDC) pin 3
To ensure stability of the TEA1085/TEA1085A, in
combination with a transmission IC of the TEA1060 family,
a 47 pF capacitor connected between SDC and SUP and
a 150
µH coil connected between SUP and the positive
line terminal (Fig.16) is required.
Loudspeaker amplifier (LSI1/LSI2 and QLS1/QLS2)
pins 5/6, 21/22
The TEA1085/TEA1085A have symmetrical inputs at LSI1
and LSI2. The input signal is normally taken from the
earpiece output of the transmission circuit via a resistive
attenuator (see Fig.3). The amount of attenuation must be
chosen in accordance with the receive gain of the
transmission IC (which depends on the sensitivity of the
earpiece transducer). The maximum input signal level is
450 mV(RMS) at Tamb = +25 °C.
The outputs QLS1 and QLS2 can be used for single ended
drive (SE) or bridge tied load drive (BTL). The output
stages have been optimized for use with a 50
loudspeaker (e.g. Philips type AD2071).
The gain of the amplifier is fixed to
≈ 35 dB for the SE drive
and
≈ 41 dB for the BTL drive (when the inputs for logic
control are left open-circuit or are connected to VSS).
The volume control can be obtained by using a
potentiometer at the input and/or by the logic control
function.
Fig.5
Stabilized supply voltage as a function of
R38.
ndbook, halfpage
5.5
3.5
MGR035
10
102
103
3.9
4.3
4.7
5.1
R38 (k
Ω)
VBB
(V)
VBB = 3.60 V
Logic gain control (GSC1 and GSC2) pins 7 and 8
The logic inputs GSC1 and GSC2 can be used to reduce
the gain of the loudspeaker amplifier by means of the logic
gain control function in 3 steps of 6 dB.
Table 1
Data for microcontroller drive of logic inputs
Where:
0 = connection to VSS or left open-circuit
1 = applying a voltage
≥ VSS + 1.5 V
GSC2
GSC1
gain
(dB)
gain reduction
(dB)
0
0
35
0
0
1
28.7
6.3
1
0
22.2
12.2
1
1
17
18


Similar Part No. - TEA1085T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1081 PHILIPS-TEA1081 Datasheet
77Kb / 16P
   Supply circuit with power-down for telephone set peripherals
September 1994
TEA1081T PHILIPS-TEA1081T Datasheet
77Kb / 16P
   Supply circuit with power-down for telephone set peripherals
September 1994
TEA1083 PHILIPS-TEA1083 Datasheet
139Kb / 20P
   Call progress monitor for line powered telephone sets
March 1994
TEA1083A PHILIPS-TEA1083A Datasheet
139Kb / 20P
   Call progress monitor for line powered telephone sets
March 1994
TEA1083AT PHILIPS-TEA1083AT Datasheet
139Kb / 20P
   Call progress monitor for line powered telephone sets
March 1994
More results

Similar Description - TEA1085T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1083 PHILIPS-TEA1083 Datasheet
139Kb / 20P
   Call progress monitor for line powered telephone sets
March 1994
logo
TEMIC Semiconductors
U4076B TEMIC-U4076B Datasheet
90Kb / 6P
   Three-Tone Ringer for Telephone Sets
logo
List of Unclassifed Man...
XE1030 ETC-XE1030 Datasheet
26Kb / 8P
   Single In-Line Telephone Line Interfaces for Europe
logo
Sanyo Semicon Device
LA8518NM SANYO-LA8518NM Datasheet
560Kb / 31P
   Signal Processor for Cordless Telephone Base Sets
logo
Motorola, Inc
MC33215 MOTOROLA-MC33215 Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
ams AG
AS2523 AMSCO-AS2523_1 Datasheet
499Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
logo
Freescale Semiconductor...
MC33215BE FREESCALE-MC33215BE Datasheet
490Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
logo
ams AG
AS2523 AMSCO-AS2523_13 Datasheet
941Kb / 20P
   Telephone Line Interface and Speakerphone Circuit
AS2523 AMSCO-AS2523 Datasheet
340Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
AS2522B AMSCO-AS2522B Datasheet
365Kb / 19P
   Telephone Line Interface and Speakerphone Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com