Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RJK1525DPS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part No. RJK1525DPS
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

RJK1525DPS Datasheet(HTML) 3 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJK1525DPS
Rev.2.00 Feb 08, 2007 page 3 of 6
Main Characteristics
20
16
12
8
4
0
4
8
12
16
20
20
16
12
8
4
0
24
68
10
VGS = 5 V
Tc = 75
°C
25
°C
−25°C
Case Temperature Tc (
°C)
Power vs. Temperature Derating
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Pulse Test
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
VDS = 10 V
Pulse Test
5.5 V
6
4
2
0
48
12
16
20
1
30
100
3
10
300
1000
0.2
0.1
0.05
1
0.5
0.02
0.01
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
8
ID = 25 A
12.5 A
8.5 A
Pulse Test
VGS = 10 V
Pulse Test
6 V
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
6.5 V
7 V
10 V
40
30
20
10
0
50
100
150
200
300
100
30
10
3
1
13
10
30
300
1000
0.3
0.01
0.1
0.03
1000
100
Ta = 25
°C
100
µs
DC
Operation
(Tc
= 25
°C)
PW
= 10
ms
(1shot)
10
µs
1 ms
Operation in this
area is limited by
R
DS(on)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn