Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RKV601KP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part No. RKV601KP
Description  Variable Capacitance Diode for VCO
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

RKV601KP Datasheet(HTML) 1 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev.2.00 Feb 05, 2007 page 1 of 1
RKV601KP
Variable Capacitance Diode for VCO
REJ03G1307-0200
Rev.2.00
Feb 05, 2007
Features
• High capacitance ratio. (n = 2.43 min)
• Low series resistance. (rs = 0.75 Ω max)
• Halogen free, Environmental friendly Package include Conformity to RoHS Directive.
• Ultra small Package (0.6mm×0.3mm Size leadless type)
Ordering Information
Part No.
Laser Mark
Package Name
Package Code
RKV601KP
2
MP6
PXSN0002ZB-A
Pin Arrangement
Cathode mark
Mark
1
2
1. Cathode
2. Anode


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HVU383BVariable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
HVL375CMVariable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
RKV600KPVariable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
HVD372BVariable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
HVD380BVariable Capacitance Diode for VCO 1 2 3 4 5 Hitachi Semiconductor
HVD380BVariable Capacitance Diode for VCO 1 2 3 4 5 MoreRenesas Technology Corp
HVU17Variable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
HVU362Variable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp
HVU351Variable Capacitance Diode for VCO 1 2 3 Hitachi Semiconductor
HVL355CMVariable Capacitance Diode for VCO 1 2 3 4 5 Renesas Technology Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn