Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HAT2105T Datasheet(PDF) 2 Page - Renesas Technology Corp

Part No. HAT2105T
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HAT2105T Datasheet(HTML) 2 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HAT2105T
REJ03G0384-0200 Rev.2.00 Aug 06, 2007
Page 2 of 3
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
200
V
ID = 10 mA, VGS = 0
Gate to source breakdown voltage
V(BR)GSS
±15
V
IG =
±100 µA, VDS = 0
Gate to source leak current
IGSS
±10
µA
VGS =
±12 V, VDS = 0
Zero gate voltage drain current
IDSS
5
µA
VDS = 200 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
1.0
2.1
V
VDS = 10 V, I D = 1 mA
RDS(on)
1.6
2.2
ID = 0.5 A, VGS = 10 V
Note4
RDS(on)
1.9
2.7
ID = 0.5 A, VGS = 4 V
Note4
Static drain to source on state
resistance
RDS(on)
2.4
5.5
ID = 2 A, VGS = 5 V
Note4
Forward transfer admittance
|yfs|
0.56
0.86
S
ID = 0.5 A, VDS = 10 V
Note4
Input capacitance
Ciss
120
pF
Output capacitance
Coss
29
pF
Reverse transfer capacitance
Crss
10
pF
VDS = 10 V
VGS = 0
f = 1 MHz
Turn-on delay time
td(on)
10
ns
Rise time
tr
14
ns
Turn-off delay time
td(off)
24
ns
Fall time
tf
9
ns
VGS = 5 V, ID = 0.5 A
VDD
≅ 30 V
Body–drain diode forward voltage
VDF
0.9
1.4
V
IF = 0.5 A, VGS = 0
Note4
Notes: 4. Pulse test


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn