Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MG200J6ES61 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # MG200J6ES61
Description  Six IGBTMOD??Compact IGBT Series Module 200 Amperes/600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

MG200J6ES61 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  MG200J6ES61 Datasheet HTML 1Page - Powerex Power Semiconductors MG200J6ES61 Datasheet HTML 2Page - Powerex Power Semiconductors MG200J6ES61 Datasheet HTML 3Page - Powerex Power Semiconductors MG200J6ES61 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Powerex, Inc., 200 E. Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Six IGBTMOD™
Compact IGBT
Series Module
200 Amperes/600 Volts
MG200J6ES61
1
5/05
Description:
Powerex Six IGBTMOD™
Compact IGBT Series Modules
are designed for use in switching
applications. Each module consists
of two IGBT Transistors in a half-
bridge configuration, with each
transistor having a reverse-
connected super-fast recovery
free-wheel diode. All components
and interconnects are isolated from
the heat sinking baseplate, offering
simplified system assembly and
thermal management.
Features:
£
Integrated Thermistor
£
Low VCE(sat)
£
Isolated Baseplate for Easy
Heat Sinking
Applications:
£
AC Motor Control
£
Motion/Servo Control
£
UPS
£
Welding Power Supplies
£
Laser Power Supplies
Ordering Information:
Example: Select the complete
part number from the table below
-i.e. MG200J6ES61 is a
600V (VCES), 200 Ampere
Six IGBTMOD™ Compact IGBT
Series Module.
Current Rating
VCES
Type
Amperes
Volts (x 10)
MG
200
60
Dimensions
Inches
Millimeters
A
4.80±0.04
122.0±1.0
B
1.97±0.01
50.0±0.3
C
1.61±0.03
42.0±0.8
D
4.33±0.01
110.0±0.3
E
2.44±0.04
62.0±1.0
F
2.32±0.02
59.0±0.5
G
0.81±0.03
20.5±0.8
H
0.39±0.03
10.0±0.8
J
0.55
14.0
K
0.39
10.0
L
0.24
6.0
M
0.22 Dia.
5.5 Dia.
N
M5
M5
Dimensions
Inches
Millimeters
P
0.79±0.03
20.0±0.8
Q
0.86±0.03
22.0±0.8
R
1.12±0.03
28.5±0.8
S
0.55±0.03
13.9±0.8
T
0.24 Rad.
6.0 Rad.
U
0.53
13.6
V
1.02 -0.01/+0.04 26.0-0.3/+1.0
W
0.32
8.2
X
4.69±0.02
119.0±0.5
Y
0.88
22.5
Z
0.21
5.35
AA
0.42
10.7
Outline Drawing and Circuit Diagram
P
4
3
2
1
2
4
6
8
DETAIL "A"
A
B
L
M
E
X
C
H
H
D
F
S
T
J
K
N
P
V
U
W
DETAIL "A"
CN-1
CN-2
1
3
5
7
U
V
W
CN-1:7 CN-1:6
CN-1:5
CN-2:3
CN-1:4
CN-1:3
CN-2:2
CN-1:2
CN-1:1
CN-2:1
CN-1:8
CN-2:4
N
W
Z
AA
V
U
Y
Y
N
G
P
P
Q
Q
R
R
1 G(Z)
2 G(Y)
3 G(X)
4 E(L)
CN-2 SIGNAL TERMINAL
1 E(W)
2 G(W)
5 E(U)
6 G(U)
3 E(V)
4 G(V)
7 TH1
8 TH2
CN-1 SIGNAL TERMINAL


Similar Part No. - MG200J6ES61

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MG200J6ES61 MITSUBISHI-MG200J6ES61 Datasheet
132Kb / 4P
   High Power Switching Applications Motor Control Applications
More results

Similar Description - MG200J6ES61

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
MG200F6ES61 POWEREX-MG200F6ES61 Datasheet
222Kb / 4P
   Six IGBTMOD??Compact IGBT Series Module 200 Amperes/600 Volts
CM200TU-12H POWEREX-CM200TU-12H Datasheet
76Kb / 4P
   Six IGBTMOD 200 Amperes/600 Volts
CM100TF-12H POWEREX-CM100TF-12H Datasheet
66Kb / 4P
   Six-IGBT IGBTMOD 100 Amperes/600 Volts
CM50TF-12H POWEREX-CM50TF-12H Datasheet
59Kb / 4P
   Six-IGBT IGBTMOD 50 Amperes/600 Volts
CM75TF-12H POWEREX-CM75TF-12H Datasheet
67Kb / 4P
   Six-IGBT IGBTMOD 75 Amperes/600 Volts
CM15TF-12H POWEREX-CM15TF-12H Datasheet
61Kb / 4P
   Six-IGBT IGBTMOD 15 Amperes/600 Volts
CM20TF-12H POWEREX-CM20TF-12H Datasheet
61Kb / 4P
   Six-IGBT IGBTMOD 20 Amperes/600 Volts
CM200RX-12A POWEREX-CM200RX-12A Datasheet
581Kb / 6P
   Six IGBTMOD Brake NX-Series Module 200 Amperes/600 Volts
CM30TF-12H POWEREX-CM30TF-12H Datasheet
61Kb / 4P
   Six-IGBT IGBTMOD 30 Amperes/600 Volts
CM150TF-12H POWEREX-CM150TF-12H Datasheet
63Kb / 4P
   Six-IGBT IGBTMOD 150 Amperes/600 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com