Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1067T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TEA1067T
Description  Low voltage versatile telephone transmission circuit with dialler interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1067T Datasheet(HTML) 5 Page - NXP Semiconductors

  TEA1067T Datasheet HTML 1Page - NXP Semiconductors TEA1067T Datasheet HTML 2Page - NXP Semiconductors TEA1067T Datasheet HTML 3Page - NXP Semiconductors TEA1067T Datasheet HTML 4Page - NXP Semiconductors TEA1067T Datasheet HTML 5Page - NXP Semiconductors TEA1067T Datasheet HTML 6Page - NXP Semiconductors TEA1067T Datasheet HTML 7Page - NXP Semiconductors TEA1067T Datasheet HTML 8Page - NXP Semiconductors TEA1067T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
June 1990
5
Philips Semiconductors
Product specification
Low voltage versatile telephone
transmission circuit with dialler interface
TEA1067
FUNCTIONAL DESCRIPTION
Supply: VCC, LN, SLPE, REG and STAB
Power for the TEA1067 and its peripheral circuits is usually
obtained from the telephone line. The IC develops its own
supply at VCC and regulates its voltage drop. The supply
voltage VCC may also be used to supply external circuits
e.g. dialling and control circuits.
Decoupling of the supply voltage is performed by a
capacitor between VCC and VEE while the internal voltage
regulator is decoupled by a capacitor between REG and
VEE.
The DC current drawn by the device will vary in
accordance with varying values of the exchange voltage
(Vexch), the feeding bridge resistance (Rexch), and the DC
resistance of the telephone line (Rline).
The TEA1067 has an internal current stabilizer working at
a level determined by a 3.6 k
Ω resistor connected
between STAB and VEE (see Fig.7). When the line current
(Iline) is more than 0.5 mA greater than the sum of the IC
supply current (ICC) and the current drawn by the
peripheral circuitry connected to VCC (Ip) the excess
current is shunted to VEE via LN.
The regulated voltage on the line terminal (VLN) can be
calculated as:
VLN =Vref + ISLPE × R9; or
VLN = Vref + [(Iline − ICC − 0.5 × 10−3 A) − Ip] × R9
Where Vref is an internally generated temperature
compensated reference voltage of 3.6 V and R9 is an
external resistor connected between SLPE and VEE.
In normal use the value of R9 would be 20
Ω. Changing the
value of R9 will also affect microphone gain, DTMF gain,
gain control characteristics, side-tone level and maximum
output swing on LN, and the DC characteristics (especially
at the lower voltages).
Under normal conditions, when ISLPE >> ICC + 0.5 mA + Ip,
the static behaviour of the circuit is that of a 3.6 V regulator
diode with an internal resistance equal to that of R9. In the
audio frequency range the dynamic impedance is largely
determined by R1. Fig.4 shows the equivalent impedance
of the circuit.
At line currents below 9 mA the internal reference voltage
is automatically adjusted to a lower value (typically 1.6 V
at 1 mA). This means that the operation of more sets in
parallel is possible with DC line voltages (excluding the
polarity guard) down to an absolute minimum voltage of
1.6 V. With line currents below 9 mA the circuit has limited
sending and receiving levels. The internal reference
voltage can be adjusted by means of an external resistor
(RVA). This resistor connected between LN and REG will
decrease the internal reference voltage, connected
between REG and SLPE it will increase the internal
reference voltage.
Current (Ip) available from VCC for peripheral circuits
depends on the external components used. Fig.10 shows
this current for VCC > 2.2 V. If MUTE is LOW when the
receiving amplifier is driven the available current is further
reduced. Current availability can be increased by
connecting the supply IC (TEA1081) in parallel with R1, as
shown in Fig.17 (c), or by increasing the DC line voltage by
means of an external resistor (RVA) connected between
REG and SLPE.


Similar Part No. - TEA1067T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
TEA1061 ETC-TEA1061 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1062 PHILIPS-TEA1062 Datasheet
211Kb / 28P
   Low voltage transmission circuits with dialler interface
1997 Sep 03
TEA1062A PHILIPS-TEA1062A Datasheet
211Kb / 28P
   Low voltage transmission circuits with dialler interface
1997 Sep 03
TEA1062AM1 PHILIPS-TEA1062AM1 Datasheet
211Kb / 28P
   Low voltage transmission circuits with dialler interface
1997 Sep 03
More results

Similar Description - TEA1067T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
TEA1112 PHILIPS-TEA1112 Datasheet
154Kb / 20P
   Low voltage versatile telephone transmission circuits with dialler interface
1997 Mar 26
logo
List of Unclassifed Man...
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
Unisonic Technologies
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com