Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANTXV Datasheet(PDF) 1 Page - OPTEK Technologies

Part # JANTXV
Description  Surface Mount Quad NPN Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

JANTXV Datasheet(HTML) 1 Page - OPTEK Technologies

  JANTXV Datasheet HTML 1Page - OPTEK Technologies JANTXV Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Ceramic surface mount package
Hermetically sealed
Small package minimizes circuit board
area required
Electrical performance similar to a
2N2222A
Qualification per MIL-PRF-19500/559
Description
The JANTX2N6989U is a hermetically
sealed, ceramic surface-mount device,
consisting of four individual silicon NPN
transistors. The 20 pin ceramic package
is ideal for designs where board space
and device weight are important design
considerations.
Typical screening and lot acceptance
tests are provided on page 13-4. The
burn-in condition is VCB = 30 V, PD = 250
mW each transistor, TA = 25
o C.
Refer
to MIL-PRF-19500/559 for complete
requirements.
When ordering parts without processing,
do not use a JAN prefix.
Absolute Maximum Ratings (TA = 25
o C unless otherwise noted)
Collector-Base Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75 V
Collector-Emitter Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 V
Emitter-Base Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6.0 V
Collector Current-Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 800 mA
Operating Junction Temperature(TJ) . . . . . . . . . . . . . . . . . . . . . . . . -65
o C to +200o C
Storage Junction Temperature (Tstg) . . . . . . . . . . . . . . . . . . . . . . . . -65
o C to +200o C
Power Dissipation (single transistor, no heat sink) . . . . . . . . . . . . . . . . . . . . . . . 0.5 W
Power Dissipation TA = 25
o C (four devices driven equally) . . . . . . . . . . . . . . . 1.0 W(1)
Isolation Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500 Vdc
Notes:
(1) Derate linearly 8.57 mW/
oC above 25o C.
Product Bulletin JANTX, JANTXV, 2N6989U
January 1996
Surface Mount Quad NPN Transistor
Type JANTX, JANTXV, 2N6989U
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972)323-2200
Fax (972)323-2396
15-20


Similar Part No. - JANTXV

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTXV MICROSEMI-JANTXV Datasheet
36Kb / 1P
   DIODE ARRAY PRODUCT SPECIFICATION
JANTXV MICROSEMI-JANTXV Datasheet
58Kb / 2P
   PNP DARLINGTON POWER SILICON TRANSISTOR
JANTXV MICROSEMI-JANTXV Datasheet
58Kb / 2P
   PNP HIGH POWER SILICON TRANSISTOR
JANTXV MICROSEMI-JANTXV Datasheet
58Kb / 2P
   PNP HIGH POWER SILICON TRANSISTOR
JANTXV1N1184 MICROSEMI-JANTXV1N1184 Datasheet
113Kb / 2P
   Military Silicon Power Rectifier
More results

Similar Description - JANTXV

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
2N6989U TTELEC-2N6989U Datasheet
240Kb / 3P
   Surface Mount Quad NPN Transistor
logo
Central Semiconductor C...
MMPQ3904 CENTRAL-MMPQ3904 Datasheet
142Kb / 2P
   SURFACE MOUNT NPN SILICON QUAD TRANSISTOR
MMPQ2222A CENTRAL-MMPQ2222A Datasheet
140Kb / 2P
   SURFACE MOUNT NPN SILICON QUAD TRANSISTOR
logo
TT Electronics.
2N6987U TTELEC-2N6987U Datasheet
224Kb / 4P
   Surface Mount Quad PNP Transistor
2N46987U TTELEC-2N46987U Datasheet
224Kb / 4P
   Surface Mount Quad PNP Transistor
logo
Seme LAB
2N2907AQLCC20 SEME-LAB-2N2907AQLCC20 Datasheet
21Kb / 2P
   SURFACE MOUNT QUAD PNP TRANSISTOR
logo
Diodes Incorporated
DCP68 DIODES-DCP68_15 Datasheet
197Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DCP55 DIODES-DCP55 Datasheet
361Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
2DD2150R DIODES-2DD2150R Datasheet
153Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DXT3150 DIODES-DXT3150 Datasheet
206Kb / 3P
   NPN SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com