Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1066T Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TEA1066T
Description  Versatile telephone transmission circuit with dialler interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1066T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TEA1066T Datasheet HTML 2Page - NXP Semiconductors TEA1066T Datasheet HTML 3Page - NXP Semiconductors TEA1066T Datasheet HTML 4Page - NXP Semiconductors TEA1066T Datasheet HTML 5Page - NXP Semiconductors TEA1066T Datasheet HTML 6Page - NXP Semiconductors TEA1066T Datasheet HTML 7Page - NXP Semiconductors TEA1066T Datasheet HTML 8Page - NXP Semiconductors TEA1066T Datasheet HTML 9Page - NXP Semiconductors TEA1066T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
1996 Apr 04
6
Philips Semiconductors
Product specification
Versatile telephone transmission circuit
with dialler interface
TEA1066T
These outputs may be used for single-ended or for
differential drive, depending on the sensitivity and type of
earpiece used (see Fig.10). Gain from IR to QR+ is
typically 25 dB. This will be sufficient for low-impedance
magnetic or dynamic earpieces, which are suited for
single-ended drive. By using both outputs (differential
drive), the gain is increased by 6 dB and differential drive
becomes possible. This feature can be used when the
earpiece impedance exceeds 450
Ω (high-impedance
dynamic, magnetic or piezoelectric earpieces).
The output voltage of the receiving amplifier is specified for
continuous-wave drive. The maximum output voltage will
be higher under speech conditions, where the ratio of peak
to RMS value is higher.
The receiving amplifier gain can be adjusted over a range
of
±8 dB to suit the sensitivity of the transducer used.
The gain is set by the external resistor R4 connected
between GAR and QR+.
Two external capacitors, C4 = 100 pF and
C7 = 10
× C4 = 1 nF, are necessary to ensure stability.
A larger value of C4 may be chosen to obtain a first-order,
low-pass filter. The ‘cut-off’ frequency corresponds with
the time constant R4
× C4.
Automatic gain control input AGC
Automatic line loss compensation is obtained by
connecting a resistor R6 between AGC and VEE. This
automatic gain control varies the microphone amplifier
gain and the receiving amplifier gain in accordance with
the DC line current.
The control range is 6 dB. This corresponds with a line
length of 5 km for a 0.5 mm diameter copper twisted-pair
cable with a DC resistance of 176
Ω/km and an average
attenuation of 1.2 dB/km.
Resistor R6 should be chosen in accordance with the
exchange supply voltage and its feeding bridge resistance
(see Fig.11 and Table 1). Different values of R6 give the
same ratio of line currents for start and end of the control
range.
If automatic line loss compensation is not required, AGC
may be left open. The amplifiers then all give their
maximum gain as specified.
Power-down input PD
During pulse dialling or register recall (timed loop break)
the telephone line is interrupted, as a consequence it
provides no supply for the transmission circuit and the
peripherals connected to VCC. These gaps have to be
bridged by the charge in the smoothing capacitor C1.
The requirements on this capacitor are relaxed by applying
a HIGH level to the PD input during the time of the loop
break, which reduces the supply current from typically
1 mA to typically 55
µA.
A HIGH level at PD further disconnects the capacitor at
REG, with the effect that the voltage stabilizer will have no
switch-on delay after line interruptions. This results in no
contribution of the IC to the current waveform during pulse
dialling or register recall. When this facility is not required
PD may be left open.
Side-tone suppression
Suppression of the transmitted signal in the earpiece is
obtained by the anti-side-tone network consisting of
R1//Zline, R2, R3, R8, R9 and Zbal (see Fig.14). Maximum
compensation is obtained when the following conditions
are fulfilled:
(1)
(2)
If fixed values are chosen for R1, R2, R3, and R9, then
condition (1) will always be fulfilled, provided that
R8//Zbal < R3. To obtain optimum side-tone
suppression, condition (2) has to be fulfilled, resulting in:
Zbal = (R8/R1) Zline = k × Zline, where k is a scale factor:
k
= (R8/R1).
Scale factor k (dependent on the value of R8) must be
chosen to meet the following criteria:
1. Compatibility with a standard capacitor from the E6 or
E12 range for Zbal
2.
Z
bal//R8 << R3
3.
Zbal + R8 >> R9.
In practice, Zline varies greatly with line length and cable
type; consequently, an average value has to be chosen for
Zbal. The suppression further depends on the accuracy
with which Zbal/k equals the average line impedance.
Example: The balanced line impedance
Z
bal at which
the optimum suppression is preset can be calculated by:
Assume Zline = 210 Ω + (1265 Ω/140 nF), representing a
5 km line of 0.5 mm diameter, copper, twisted-pair cable
matched to 600
Ω (176 Ω/km; 38 nF/km). When k = 0.64,
then R8 = 390
Ω; Z
bal = 130 Ω + (820 Ω//220 nF).
The anti-side-tone network for the TEA1060 family shown
in Fig.4 attenuates the signal received from the line by
32 dB before it enters the receiving amplifier.
R9
R2
×
R1 R3
R8//Z
bal
[
]
+
(
)
=
Z
bal
Z
bal
R8
+
(
)
Z
line
Z
line
R1
+
(
)
=


Similar Part No. - TEA1066T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
TEA1061 ETC-TEA1061 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1062 PHILIPS-TEA1062 Datasheet
211Kb / 28P
   Low voltage transmission circuits with dialler interface
1997 Sep 03
TEA1062A PHILIPS-TEA1062A Datasheet
211Kb / 28P
   Low voltage transmission circuits with dialler interface
1997 Sep 03
TEA1062AM1 PHILIPS-TEA1062AM1 Datasheet
211Kb / 28P
   Low voltage transmission circuits with dialler interface
1997 Sep 03
More results

Similar Description - TEA1066T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
List of Unclassifed Man...
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1067 PHILIPS-TEA1067 Datasheet
175Kb / 28P
   Low voltage versatile telephone transmission circuit with dialler interface
June 1990
TEA1112 PHILIPS-TEA1112 Datasheet
154Kb / 20P
   Low voltage versatile telephone transmission circuits with dialler interface
1997 Mar 26
logo
Unisonic Technologies
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com