Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HRU0203A Datasheet(PDF) 2 Page - Renesas Technology Corp

Part No. HRU0203A
Description  Silicon Schottky Barrier Diode for Rectifying
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HRU0203A Datasheet(HTML) 2 Page - Renesas Technology Corp

  HRU0203A Datasheet HTML 1Page - Renesas Technology Corp HRU0203A Datasheet HTML 2Page - Renesas Technology Corp HRU0203A Datasheet HTML 3Page - Renesas Technology Corp HRU0203A Datasheet HTML 4Page - Renesas Technology Corp HRU0203A Datasheet HTML 5Page - Renesas Technology Corp HRU0203A Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HRU0203A
REJ03G0150-0400 Rev.4.00 Jun 08, 2007
Page 2 of 5
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM *
1
30
V
Average rectified current
IO *
1
200
mA
Non-Repetitive peak forward surge current
IFSM *
2
2
A
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Notes: 1. See from Fig.3 to Fig.5.
2. 10 ms sine wave 1 pulse.
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Forward voltage
VF
0.50
V
IF = 200 mA
Reverse current
IR
50
µA
VR = 30 V
Thermal resistance
Rth(j-a)
520
°C/W
Polyimide board *
1
Note
: 1. Polyimide board
Unit: mm
1.5
20h
×15w×0.8t
1.5


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn