Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HRU0203A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part No. HRU0203A
Description  Silicon Schottky Barrier Diode for Rectifying
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HRU0203A Datasheet(HTML) 4 Page - Renesas Technology Corp

  HRU0203A Datasheet HTML 1Page - Renesas Technology Corp HRU0203A Datasheet HTML 2Page - Renesas Technology Corp HRU0203A Datasheet HTML 3Page - Renesas Technology Corp HRU0203A Datasheet HTML 4Page - Renesas Technology Corp HRU0203A Datasheet HTML 5Page - Renesas Technology Corp HRU0203A Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HRU0203A
REJ03G0150-0400 Rev.4.00 Jun 08, 2007
Page 4 of 5
050
100
25
75
125
0
0.20
0.10
0.30
0.25
0.15
0.05
Ambient temperature Ta (°C)
Fig.5 Average rectified current vs. Ambient temperature
D=1/2
VR=VRRM/2
Tj =125°C
Rth(j-a)=520°C/W
D=1/6
D=1/3
DC
-25
sin(
θ=180°)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn