Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2A20111SPW0 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R2A20111SPW0
Description  Power Factor Correction Controller IC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20111SPW0 Datasheet(HTML) 4 Page - Renesas Technology Corp

  R2A20111SPW0 Datasheet HTML 1Page - Renesas Technology Corp R2A20111SPW0 Datasheet HTML 2Page - Renesas Technology Corp R2A20111SPW0 Datasheet HTML 3Page - Renesas Technology Corp R2A20111SPW0 Datasheet HTML 4Page - Renesas Technology Corp R2A20111SPW0 Datasheet HTML 5Page - Renesas Technology Corp R2A20111SPW0 Datasheet HTML 6Page - Renesas Technology Corp R2A20111SPW0 Datasheet HTML 7Page - Renesas Technology Corp R2A20111SPW0 Datasheet HTML 8Page - Renesas Technology Corp R2A20111SPW0 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
R2A20111SP/DD
REJ03F0231-0100 Rev.1.00 Mar 28, 2007
Page 4 of 40
(1) Setting the PFC function hold time for momentary outage
When the PFC-ON pin is driven below 0.79 V (typ.) due to a momentary outage, the delay pin functions as source
current. PFC operation continues until the capacitor is charged to 1.2 V (typ.). After the voltage on the delay pin
reaches 1.2 V (typ.), the pin functions as sink current, and PFC operation terminates. The PFC function hold time
can be set by the value of the external capacitor.
(2) Shutdown
When this pin is pulled up to 4 V (typ.) or higher, the IC enters the shutdown state. Accordingly, the VREF signal
becomes low and the operating current becomes several hundred
μA. The IC does not resume operation until Vcc
falls to 4 V (max.) or below.
CGND Pin:
This pin is the non-inverting input to the current amplifier.
CAI Pin:
This pin is the inverting input to the current amplifier and functions as source current for PFC control. AC current is
controlled to be proportional to the source current and the power factor is corrected.
VREF Pin:
Temperature-compensated voltage with an accuracy of 5 V ± 3% is output from this pin. The pin should supply no
more than 5 mA (max.) source current. This pin has no sink capabilities.
CAO Pin:
This pin is the current amplifier output, and is connected to the phase-compensation circuit of the current amplifier.
The result of comparison of the voltage on this pin and the CT pin produces the pulse output from the OUT pin. The
pulse is limited when the voltage on the CAO pin rises.
CLIMIT Pin:
This pin is for detecting overcurrent. When the voltage on this pin drops to 1.3 V (typ.) or below, OUT pin is stopped.
RT Pin:
This pin is for frequency adjustment of the oscillator and connected to GND via resistor. The IC operating frequency is
determined by this resistance value and the CT pin capacitance value.
Additionally, this resistance value determines the maximum current on the CAI pin and the current on the DELAY pin.
CT Pin:
This pin is for frequency adjustment of the oscillator and connected to GND via capacitor. The IC operating frequency
is determined by this capacitance value and the resistance value of the RT pin.
PFC-ON Pin:
This pin is applied smoothing voltage of rectified AC voltage and detects the input AC voltage level. When 0.82 V
(typ.) or more is applied to this pin, PFC operation starts. When the voltage is 0.79 V (typ.) or lower, the PFC operation
stops after the PFC operation hold time (refer to the description of DELAY pin operation).
IAC Pin:
This pin is for detecting waveform of the input AC voltage.
FB Pin:
This pin is the input to the voltage amplifier. This pin is applied to voltage divided PFC output with resistors. The
feedback loop is intended to keep 2.5 V (typ.).
When output voltage rises up and the voltage of this pin is higher than 2.688 V (typ.) or more, the OUT pin is stopped.
Moreover, when this voltage of this pin is 0.52 V (typ.) or lower, the OUT pin is also stopped. These functions detect
overvoltage, low voltage, and feedback-loop disconnection.


Similar Part No. - R2A20111SPW0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20111SPW0 RENESAS-R2A20111SPW0 Datasheet
124Kb / 8P
   Power Factor Correction Controller IC
More results

Similar Description - R2A20111SPW0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
BD7690FJ ROHM-BD7690FJ Datasheet
2Mb / 26P
   Power Factor Correction Controller IC
logo
Renesas Technology Corp
R2A20111SP RENESAS-R2A20111SP_16 Datasheet
266Kb / 8P
   Power Factor Correction Controller IC
R2A20111SP RENESAS-R2A20111SP_09 Datasheet
124Kb / 8P
   Power Factor Correction Controller IC
HA16174P RENESAS-HA16174P Datasheet
352Kb / 37P
   Power Factor Correction Controller IC
R2A20115SP RENESAS-R2A20115SP_15 Datasheet
144Kb / 10P
   Power Factor Correction Controller IC
R2A20111SP RENESAS-R2A20111SP_15 Datasheet
139Kb / 10P
   Power Factor Correction Controller IC
logo
Rohm
BD7690FJ-E ROHM-BD7690FJ-E Datasheet
2Mb / 26P
   Power Factor Correction Controller IC
logo
Renesas Technology Corp
R2A20115SP RENESAS-R2A20115SP Datasheet
128Kb / 8P
   Power Factor Correction Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com