Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HSL226 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part No. HSL226
Description  Silicon Schottky Barrier Diode for High Speed Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSL226 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HSL226_07 Datasheet HTML 1Page - Renesas Technology Corp HSL226_07 Datasheet HTML 2Page - Renesas Technology Corp HSL226_07 Datasheet HTML 3Page - Renesas Technology Corp HSL226_07 Datasheet HTML 4Page - Renesas Technology Corp HSL226_07 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HSL226
Rev.3.00 Feb 06, 2007 page 2 of 4
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
25
V
Non-Repetitive Peak forward surge current
IFSM *
200
mA
Forward current
IF
50
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Note
: 10 ms Sine Wave 1 pulse
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
VF1
0.33
V
IF = 1 mA
Forward voltage
VF2
0.38
V
IF = 5 mA
Reverse current
IR
450
nA
VR = 20 V
Capacitance
C
2.80
pF
VR = 1 V, f = 1 MHz
Note
: For EFP package, the material of lead is exposed for cutting plane. There for, soldering nature of lead tip part is
considered as unquestioned. Please kindly consider soldering nature.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn