Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2A20111DD Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R2A20111DD
Description  Power Factor Correction Controller IC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20111DD Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R2A20111DD Datasheet HTML 5Page - Renesas Technology Corp R2A20111DD Datasheet HTML 6Page - Renesas Technology Corp R2A20111DD Datasheet HTML 7Page - Renesas Technology Corp R2A20111DD Datasheet HTML 8Page - Renesas Technology Corp R2A20111DD Datasheet HTML 9Page - Renesas Technology Corp R2A20111DD Datasheet HTML 10Page - Renesas Technology Corp R2A20111DD Datasheet HTML 11Page - Renesas Technology Corp R2A20111DD Datasheet HTML 12Page - Renesas Technology Corp R2A20111DD Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
R2A20111SP/DD
REJ03F0231-0100 Rev.1.00 Mar 28, 2007
Page 9 of 40
Electrical Characteristics (cont.)
(Ta = 25
°C, VCC = 12 V, RT = 27 kΩ, CT = 1000 pF)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
PFC enable voltage
Von-pfc
0.74
0.82
0.9
V
Input pin: PFC-ON
PFC disable voltage
Voff-pfc
0.71
0.79
0.86
V
Input pin: PFC-ON
PFC disable delay
threshold voltage
Vd-pfc
1.05
1.20
1.30
V
Input pin: DELAY
Input current
Ipfc-on
–1.0
–0.2
1
μA
PFC-ON = 2 V
B+ OVP set voltage
dVovps
0.125
0.188
0.250
V
Input pin: FB *
1
B+ OVP reset
voltage
dVovpr
0.075
0.138
0.200
V
Input pin: FB *
1
FB low set voltage
Vfbls
0.425
0.52
0.615
V
Input pin: FB
DELAY source
current
Isrc-delay
–47.5
–42.5
–38
μA
DELAY = 1 V
RT = 27 k
Ω
Supervisor
DELAY sink current
Isnk-delay
770
μA
DELAY = 1 V
RT = 27 k
Ω *2
Note:
1. dVovps = Vovps – Vref
× 0.5
dVovpr = Vovpr – Vref
× 0.5
Vovps
Vovpr
FB
OUT
Vref
× 0.5
Vfbls
2. Design spec.


Similar Part No. - R2A20111DD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20111 RENESAS-R2A20111 Datasheet
76Kb / 1P
   Renesas PFC Control IC for Digital-TV
R2A20111SP RENESAS-R2A20111SP Datasheet
124Kb / 8P
   Power Factor Correction Controller IC
R2A20111SPW0 RENESAS-R2A20111SPW0 Datasheet
124Kb / 8P
   Power Factor Correction Controller IC
R2A20111SP RENESAS-R2A20111SP_09 Datasheet
124Kb / 8P
   Power Factor Correction Controller IC
R2A20111SP RENESAS-R2A20111SP_15 Datasheet
139Kb / 10P
   Power Factor Correction Controller IC
More results

Similar Description - R2A20111DD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
BD7690FJ ROHM-BD7690FJ Datasheet
2Mb / 26P
   Power Factor Correction Controller IC
logo
Renesas Technology Corp
R2A20111SP RENESAS-R2A20111SP_16 Datasheet
266Kb / 8P
   Power Factor Correction Controller IC
R2A20111SP RENESAS-R2A20111SP_09 Datasheet
124Kb / 8P
   Power Factor Correction Controller IC
HA16174P RENESAS-HA16174P Datasheet
352Kb / 37P
   Power Factor Correction Controller IC
R2A20115SP RENESAS-R2A20115SP_15 Datasheet
144Kb / 10P
   Power Factor Correction Controller IC
R2A20111SP RENESAS-R2A20111SP_15 Datasheet
139Kb / 10P
   Power Factor Correction Controller IC
logo
Rohm
BD7690FJ-E ROHM-BD7690FJ-E Datasheet
2Mb / 26P
   Power Factor Correction Controller IC
logo
Renesas Technology Corp
R2A20115SP RENESAS-R2A20115SP Datasheet
128Kb / 8P
   Power Factor Correction Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com