Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA13173H Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HA13173H
Description  Multiple Voltage Regulator for Car Audio
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA13173H Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HA13173H Datasheet HTML 9Page - Renesas Technology Corp HA13173H Datasheet HTML 10Page - Renesas Technology Corp HA13173H Datasheet HTML 11Page - Renesas Technology Corp HA13173H Datasheet HTML 12Page - Renesas Technology Corp HA13173H Datasheet HTML 13Page - Renesas Technology Corp HA13173H Datasheet HTML 14Page - Renesas Technology Corp HA13173H Datasheet HTML 15Page - Renesas Technology Corp HA13173H Datasheet HTML 16Page - Renesas Technology Corp HA13173H Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
HA13173H
Rev.1.00 Jan 16, 2007 page 13 of 23
8.0
8.6
8.5
8.4
8.2
8.3
8.1
8.7
8.8
ILM Output Voltage vs. Tc
VB = 14.4 V,
Io = 400 mA
VB = 14.4 V,
Io = 480 mA
EXT Output Remainder Voltage vs. Tc
–50
0
50
100
150
–50
0
50
100
150
Tc (°C)
Tc (°C)
0
0.2
0.6
0.4
0.8
1.0


Similar Part No. - HA13173H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA13173AH RENESAS-HA13173AH Datasheet
121Kb / 10P
   Multiple Voltage Regulator for Car Audio
More results

Similar Description - HA13173H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA13164AH RENESAS-HA13164AH Datasheet
170Kb / 17P
   Multiple Voltage Regulator for Car Audio
HA13166H RENESAS-HA13166H Datasheet
189Kb / 19P
   Multiple Voltage Regulator for Car Audio
HA13165H RENESAS-HA13165H Datasheet
120Kb / 10P
   Multiple Voltage Regulator for Car Audio
HA13168H RENESAS-HA13168H Datasheet
130Kb / 11P
   Multiple Voltage Regulator for Car Audio
HA13173AH RENESAS-HA13173AH Datasheet
121Kb / 10P
   Multiple Voltage Regulator for Car Audio
logo
STMicroelectronics
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
   Multiple multifunction voltage regulator for car radio
L5950 STMICROELECTRONICS-L5950 Datasheet
132Kb / 8P
   MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L5954 STMICROELECTRONICS-L5954 Datasheet
171Kb / 15P
   Multiple multifunction voltage regulator for car radio
July 2010 Rev 1
L5962 STMICROELECTRONICS-L5962 Datasheet
248Kb / 24P
   Multiple linear/switching voltage regulator for car-radio
December 2009 Rev 2
logo
Sanyo Semicon Device
LV56831P SANYO-LV56831P_12 Datasheet
400Kb / 9P
   For Car Audio Systems Multi Voltage Regulator IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com