Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1064A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TEA1064A
Description  Low voltage versatile telephone transmission circuit with dialler interface and transmit level dynamic limiting
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1064A Datasheet(HTML) 2 Page - NXP Semiconductors

  TEA1064A Datasheet HTML 1Page - NXP Semiconductors TEA1064A Datasheet HTML 2Page - NXP Semiconductors TEA1064A Datasheet HTML 3Page - NXP Semiconductors TEA1064A Datasheet HTML 4Page - NXP Semiconductors TEA1064A Datasheet HTML 5Page - NXP Semiconductors TEA1064A Datasheet HTML 6Page - NXP Semiconductors TEA1064A Datasheet HTML 7Page - NXP Semiconductors TEA1064A Datasheet HTML 8Page - NXP Semiconductors TEA1064A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
March 1994
2
Philips Semiconductors
Product specification
Low voltage versatile telephone transmission circuit
with dialler interface and transmit level dynamic limiting
TEA1064A
GENERAL DESCRIPTION
The TEA1064A is a bipolar integrated circuit that performs
all the speech and line interface functions required in fully
electronic telephone sets. It performs electronic switching
between dialling and speech and has a powerful DC
supply for peripheral circuits. The IC operates at line
voltages down to 1.8 V DC (with reduced performance) to
facilitate the use of more telephone sets connected in
parallel. The transmit signal on the line is dynamically
limited (speech-controlled) to prevent distortion at high
transmit levels of both the sending signal and the sidetone.
FEATURES
• Low DC line voltage; operates down to 1.8 V (excluding
polarity guard)
• Voltage regulator with low voltage drop and adjustable
static resistance
• DC line voltage adjustment facility
• Provides a supply for external circuits in two options:
unregulated supply, regulated line voltage;
stabilized supply, line voltage varies with supply
current
• Dynamic limiting (speech-controlled) in transmit
direction prevents distortion of line signal and sidetone
• Symmetrical high-impedance inputs (64 kΩ) for
dynamic, magnetic or piezo-electric microphones
• Asymmetrical high-impedance input (32 kΩ) for electret
microphones
• DTMF signal input
• Confidence tone in the earpiece during DTMF dialling
• Mute input for disabling speech during pulse or DTMF
dialling
• Power-down input for improved performance during
pulse dial or register recall (flash)
• Receiving amplifier for magnetic, dynamic or
piezo-electric earpieces
• Large amplification setting ranges on microphone and
earpiece amplifiers
• Line loss compensation (line current dependent) for
microphone and earpiece amplifiers (not used for DTMF
amplifier)
• Gain control curve adaptable to exchange supply
• Automatic disabling of the DTMF amplifier in
extremely-low voltage conditions
• Microphone MUTE function available with switch
PACKAGE OUTLINES
Notes
1. SOT146-1; 1998 Jun 18.
2. SOT163-1; 1998 Jun 18.
TEA1064A :20-lead DIL; plastic (SOT146).(1)
TEA1064AT:20-lead mini-pack; plastic (SO20;
SOT163A).(2)


Similar Part No. - TEA1064A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1064B PHILIPS-TEA1064B Datasheet
211Kb / 32P
   Low voltage versatile telephone transmission circuit with dialler interface and transmit level dynamic limiting
March 1994
TEA1064BT PHILIPS-TEA1064BT Datasheet
211Kb / 32P
   Low voltage versatile telephone transmission circuit with dialler interface and transmit level dynamic limiting
March 1994
More results

Similar Description - TEA1064A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1064B PHILIPS-TEA1064B Datasheet
211Kb / 32P
   Low voltage versatile telephone transmission circuit with dialler interface and transmit level dynamic limiting
March 1994
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
TEA1067 PHILIPS-TEA1067 Datasheet
175Kb / 28P
   Low voltage versatile telephone transmission circuit with dialler interface
June 1990
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
TEA1112 PHILIPS-TEA1112 Datasheet
154Kb / 20P
   Low voltage versatile telephone transmission circuits with dialler interface
1997 Mar 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com