Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1062A Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TEA1062A
Description  Low voltage transmission circuits with dialler interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1062A Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TEA1062A Datasheet HTML 5Page - NXP Semiconductors TEA1062A Datasheet HTML 6Page - NXP Semiconductors TEA1062A Datasheet HTML 7Page - NXP Semiconductors TEA1062A Datasheet HTML 8Page - NXP Semiconductors TEA1062A Datasheet HTML 9Page - NXP Semiconductors TEA1062A Datasheet HTML 10Page - NXP Semiconductors TEA1062A Datasheet HTML 11Page - NXP Semiconductors TEA1062A Datasheet HTML 12Page - NXP Semiconductors TEA1062A Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
1997 Sep 03
9
Philips Semiconductors
Product specification
Low voltage transmission circuits with
dialler interface
TEA1062; TEA1062A
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Mostly dependent on the maximum required Tamb and on the voltage between LN and SLPE (see Figs 6, 7 and 8).
2. Calculated for the maximum ambient temperature specified (Tamb =75 °C) and a maximum junction temperature of
125
°C.
HANDLING
This device meets class 2 ESD test requirements [Human Body Model (HBM)], in accordance with
“MIL STD 883C - method 3015”.
THERMAL CHARACTERISTICS
Note
1. Mounted on glass epoxy board 28.5
× 19.1 × 1.5 mm.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VLN
positive continuous line voltage
12
V
VLN(R)
repetitive line voltage during switch-on
or line interruption
13.2
V
VLN(RM)
repetitive peak line voltage for a 1 ms
pulse per 5 s
R9 = 20
Ω; R10 = 13 Ω;
see Fig.18
28
V
Iline
line current
R9 = 20
Ω; note 1
140
mA
VI
input voltage on all other pins
positive input voltage
VCC + 0.7
V
negative input voltage
−−0.7
V
Ptot
total power dissipation
R9 = 20
Ω; note 2
TEA1062; TEA1062A
666
mW
TEA1062M1; TEA1062AM1
617
mW
TEA1062T; TEA1062AT
454
mW
Tamb
operating ambient temperature
−25
+75
°C
Tstg
storage temperature
−40
+125
°C
Tj
junction temperature
125
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
TEA1062; TEA1062A
75
K/W
TEA1062M1; TEA1062AM1
81
K/W
TEA1062T; TEA1062AT (note 1)
110
K/W


Similar Part No. - TEA1062A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TEA1062AN UTC-TEA1062AN Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062AN-D16-T UTC-TEA1062AN-D16-T Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062AN-S16-R UTC-TEA1062AN-S16-R Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062ANG-D16-T UTC-TEA1062ANG-D16-T Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062ANG-D16-T UTC-TEA1062ANG-D16-T Datasheet
334Kb / 14P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT
More results

Similar Description - TEA1062A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC1062 ETC1-SC1062 Datasheet
742Kb / 15P
   LOW VOLTAGE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1112 PHILIPS-TEA1112 Datasheet
154Kb / 20P
   Low voltage versatile telephone transmission circuits with dialler interface
1997 Mar 26
logo
System Logic Semiconduc...
SL1062A SLS-SL1062A Datasheet
86Kb / 9P
   Low Voltage Transmission Circuit with Dialler Interface
logo
Unisonic Technologies
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062N UTC-TEA1062N_09 Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
UTCTEA1062 UTC-UTCTEA1062 Datasheet
113Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
List of Unclassifed Man...
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com