Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA16158FP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HA16158FP
Description  PFC & PWM Control IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16158FP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HA16158FP Datasheet HTML 2Page - Renesas Technology Corp HA16158FP Datasheet HTML 3Page - Renesas Technology Corp HA16158FP Datasheet HTML 4Page - Renesas Technology Corp HA16158FP Datasheet HTML 5Page - Renesas Technology Corp HA16158FP Datasheet HTML 6Page - Renesas Technology Corp HA16158FP Datasheet HTML 7Page - Renesas Technology Corp HA16158FP Datasheet HTML 8Page - Renesas Technology Corp HA16158FP Datasheet HTML 9Page - Renesas Technology Corp HA16158FP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
HA16158P/FP
Rev.2.00 Jan 30, 2007 page 6 of 23
Electrical Characteristics (cont.)
(Ta = 25
°C, Vcc = 12 V, RT = 200 kΩ)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Soft start time
tss-pwm
4.2
ms
PWM-SS = 0V to Vct-h *
1
Source current
Iss-pwm
–20.0
–25.0
–30.0
µA
Measured pin: PWM-SS
Soft start for
PWM
High voltage
Vh-ss
3.25
3.5
3.75
V
Measured pin: PWM-SS
Soft start time
tss-pfc
5.7
ms
PFC-SS = Vref to Vramp-I *
1
Soft start for
PFC
Source current
Iss-pfc
+20.0
+25.0
+30.0
µA
Measured pin: PFC-SS
PWM
current
sense
Delay to output
td-cs
210
300
ns
PWM-EO = 5V,
PWM-CS = 0 to 2V
Threshold voltage
VLM1
–0.45
–0.50
–0.55
V
PFC-ON = 2V
Threshold voltage
VLM2
–0.22
–0.25
–0.28
V
PFC-ON = 4V
PFC current
limit
Delay to output
td-LM
280
500
ns
PFC-CS = 0 to –1V
Feedback voltage
Vfb-pfc
2.45
2.50
2.55
V
PFC-EO = 2.5V
Input bias current
Ifb-pfc
–0.3
0
0.3
µA
Measured pin: PFC-FB
Open loop gain
Av-pfc
65
dB
*
1
High voltage
Veoh-pfc
5.0
5.7
6.4
V
PFC-FB = 2.3V, PFC-EO: Open
Low voltage
Veol-pfc
0.1
0.3
V
PFC-FB = 2.7V, PFC-EO: Open
Source current
Isrc-pfc
–90
µA
PFC-FB = 1.0V, PFC-EO: 2.5V
*
1
Sink current
Isnk-pfc
90
µA
PFC-FB = 4.0V, PFC-EO: 2.5V
*
1
PFC-VAMP
Transconductance
Gm-pfcv
150
200
250
µA/V
PFC-FB = 2.5V, PFC-EO: 2.5V
Minimum duty cycle
Dmin-pfc
0
%
CAO = 4.0V
Maximum duty cycle
Dmax-pfc
90
95
98
%
CAO = 0V
Rise time
tr-pfc
30
100
ns
CL = 1000pF
Fall time
tf-pfc
30
100
ns
CL = 1000pF
Peak current
Ipk-pfc
1.0
A
CL = 0.01
µF *1
Vol1-pfc
0.05
0.2
V
Iout = 20mA
Vol2-pfc
0.5
2.0
V
Iout = 200mA
Low voltage
Vol3-pfc
0.03
0.7
V
Iout = 10mA, VCC = 5V
Voh1-pfc
11.5
11.9
V
Iout = –20mA
PFC-OUT
High voltage
Voh2-pfc
10.0
11.0
V
Iout = –200mA
Minimum duty cycle
Dmin-pwm
0
%
PWM-COMP = 0V
Maximum duty cycle
Dmax-pwm
42
45
49
%
PWM-COMP = Vref
Rise time
tr-pwm
30
100
ns
CL = 1000pF
Fall time
tf-pwm
30
100
ns
CL = 1000pF
Peak current
Ipk-pwm
1.0
A
CL = 0.01
µF *1
Vol1-pwm
0.05
0.2
V
Iout = 20mA
Vol2-pwm
0.5
2.0
V
Iout = 200mA
Low voltage
Vol3-pwm
0.03
0.7
V
Iout = 10mA, VCC = 5V
Voh1-
pwm
11.5
11.9
V
Iout = –20mA
PWM-OUT
High voltage
Voh2-
pwm
10.0
11.0
V
Iout = –200mA
Note:
1. Reference values for design.


Similar Part No. - HA16158FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16158FP RENESAS-HA16158FP Datasheet
248Kb / 23P
   PFC & PWM Control IC
More results

Similar Description - HA16158FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16158P RENESAS-HA16158P Datasheet
248Kb / 23P
   PFC & PWM Control IC
logo
International Rectifier
IR1150 IRF-IR1150_15 Datasheet
925Kb / 16P
   PFC ONE CYCLE CONTROL PFC IC
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7535 FAIRCHILD-FAN7535 Datasheet
465Kb / 12P
   PFC & Ballast Control IC
logo
International Rectifier
IR2167S IRF-IR2167S Datasheet
1Mb / 33P
   PFC BALLAST CONTROL IC
IRS2166D IRF-IRS2166D Datasheet
595Kb / 18P
   PFC BALLAST CONTROL IC
IR2166 IRF-IR2166_15 Datasheet
623Kb / 32P
   PFC & BALLAST CONTROL IC
IRP2166 IRF-IRP2166 Datasheet
616Kb / 32P
   PFC & BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com