Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA16158P Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HA16158P
Description  PFC & PWM Control IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16158P Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HA16158P Datasheet HTML 7Page - Renesas Technology Corp HA16158P Datasheet HTML 8Page - Renesas Technology Corp HA16158P Datasheet HTML 9Page - Renesas Technology Corp HA16158P Datasheet HTML 10Page - Renesas Technology Corp HA16158P Datasheet HTML 11Page - Renesas Technology Corp HA16158P Datasheet HTML 12Page - Renesas Technology Corp HA16158P Datasheet HTML 13Page - Renesas Technology Corp HA16158P Datasheet HTML 14Page - Renesas Technology Corp HA16158P Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
HA16158P/FP
Rev.2.00 Jan 30, 2007 page 11 of 23
Functional Description
1. UVL Circuit
The UVL circuit monitors the Vcc voltage and halts operation of the IC in the event of a low voltage.
The voltage for detecting Vcc has a hysteresis characteristic, with 16.0 V as the start threshold and 10.0 V as the
shutdown threshold.
When the IC has been halted by the UVL circuit, control is performed to fix driver circuit output low and halt VREF
output and the oscillator.
Vcc
VREF
V_CT
(internal signal)
PWM-RESET
(internal signal)
PWM-OUT
PFC-OUT
PFC-DT
(internal signal)
PFC-RAMP
(internal signal)
16.0V
10.0V
4.5V
4.5V
Figure 1


Similar Part No. - HA16158P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16158P RENESAS-HA16158P Datasheet
248Kb / 23P
   PFC & PWM Control IC
More results

Similar Description - HA16158P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16158P RENESAS-HA16158P Datasheet
248Kb / 23P
   PFC & PWM Control IC
logo
International Rectifier
IR1150 IRF-IR1150_15 Datasheet
925Kb / 16P
   PFC ONE CYCLE CONTROL PFC IC
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7535 FAIRCHILD-FAN7535 Datasheet
465Kb / 12P
   PFC & Ballast Control IC
logo
International Rectifier
IR2167S IRF-IR2167S Datasheet
1Mb / 33P
   PFC BALLAST CONTROL IC
IRS2166D IRF-IRS2166D Datasheet
595Kb / 18P
   PFC BALLAST CONTROL IC
IR2166 IRF-IR2166_15 Datasheet
623Kb / 32P
   PFC & BALLAST CONTROL IC
IRP2166 IRF-IRP2166 Datasheet
616Kb / 32P
   PFC & BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com