Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA16158P Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HA16158P
Description  PFC & PWM Control IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16158P Datasheet(HTML) 5 Page - Renesas Technology Corp

  HA16158P_07 Datasheet HTML 1Page - Renesas Technology Corp HA16158P_07 Datasheet HTML 2Page - Renesas Technology Corp HA16158P_07 Datasheet HTML 3Page - Renesas Technology Corp HA16158P_07 Datasheet HTML 4Page - Renesas Technology Corp HA16158P_07 Datasheet HTML 5Page - Renesas Technology Corp HA16158P_07 Datasheet HTML 6Page - Renesas Technology Corp HA16158P_07 Datasheet HTML 7Page - Renesas Technology Corp HA16158P_07 Datasheet HTML 8Page - Renesas Technology Corp HA16158P_07 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
HA16158P/FP
Rev.2.00 Jan 30, 2007 page 5 of 23
Electrical Characteristics
(Ta = 25
°C, Vcc = 12 V, RT = 200 kΩ)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Start threshold
VH
15.0
16.0
17.0
V
Shutdown threshold
VL
9.4
10.0
10.6
V
UVLO hysteresis
dVUVL
5.2
6.0
6.8
V
Start-up current
Is
160
220
280
µA
Vcc = 14.8V
Is temperature
stability
dIs/dTa
–0.3
%/
°C
*
1
Operating current
Icc
5.5
7.0
8.5
mA
IAC = 0A, CL = 0F
Shunt zenner
voltage
Vz
25.5
27.5
29.5
V
Icc = 14mA
Vz temperature
stability
dVz/dTa
–4
mV/
°C
Icc = 14mA *
1
Supply
Latch current
ILATCH
180
250
320
µA
Vcc = 9V
Output voltage
Vref
4.9
5.0
5.1
V
Isource = 1mA
Line regulation
Vref-line
5
20
mV
Isource = 1mA,
Vcc = 12V to 23V
Load regulation
Vref-load
5
20
mV
Isource = 1mA to 20mA
VREF
Temperature
stability
dVref
80
ppm/
°C
Ta = –40 to 125
°C *1
fpwm
117
130
143
kHz
Measured pin: PWM-OUT
Initial accuracy
fpfc
58.5
65
71.5
kHz
Measured pin: PFC-OUT
fpwm temperature
stability
dfpwm/dTa
±0.1
%/
°C
Ta = –40 to 125
°C *1
fpwm voltage
stability
fpwm(line)
–1.5
+0.5
+1.5
%
VCC = 12V to 18V
Ramp peak voltage
Vramp-H
3.6
4.0
V
PFC *
1
Ramp valley
voltage
Vramp-L
0.65
V
PFC *
1
CT peak voltage
Vct-H
3.2
V
PWM *
1
CT valley voltage
Vct-L
1.50
1.60
V
PWM *
1
Oscillator
RT voltage
Vrt
0.85
1.00
1.15
V
Measured pin: RT
PFC on voltage
Von-pfc
1.4
1.5
1.6
V
PFC off voltage
Voff-pfc
1.1
1.2
1.3
V
PFC on-off
hysteresis
dVon-off
0.2
0.3
0.4
V
Input current
Ipfc-on
0.1
1.0
µA
PFC-ON = 2V
PFC OVP set
voltage
Vovps-pfc
2.65
2.80
2.95
V
Input pin: PFC-FB
PFC OVP reset
voltage
Vovpr-pfc
2.45
2.60
2.75
V
Input pin: PFC-FB
PFC OVP
hysteresis
dVovp
0.10
0.20
0.30
V
B+ good voltage
Vb-good
2.25
2.40
2.55
V
Measured pin: PFC-FB
Supervisor
B+ fail voltage
Vb-fail
1.4
1.5
1.6
V
Measured pin: PFC-FB
Latch threshold
voltage
Vlatch
3.76
4.00
4.24
V
Input pin: PWM-SS
OVP latch
Latch reset voltage
Vcc-res
6.1
7.1
8.1
V
Power saving on
voltage
Von-save
1.53
1.70
1.87
V
Measured pin: PWM-COMP
Power
saving
for PWM
Minimum frequency
at light load
fpwm-min
2
kHz
PWM-COMP = 1.5V
Measured pin: PWM-OUT *
1
Note:
1. Reference values for design.


Similar Part No. - HA16158P_07

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16158P RENESAS-HA16158P Datasheet
248Kb / 23P
   PFC & PWM Control IC
More results

Similar Description - HA16158P_07

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16158P RENESAS-HA16158P Datasheet
248Kb / 23P
   PFC & PWM Control IC
logo
International Rectifier
IR1150 IRF-IR1150_15 Datasheet
925Kb / 16P
   PFC ONE CYCLE CONTROL PFC IC
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7535 FAIRCHILD-FAN7535 Datasheet
465Kb / 12P
   PFC & Ballast Control IC
logo
International Rectifier
IR2167S IRF-IR2167S Datasheet
1Mb / 33P
   PFC BALLAST CONTROL IC
IRS2166D IRF-IRS2166D Datasheet
595Kb / 18P
   PFC BALLAST CONTROL IC
IR2166 IRF-IR2166_15 Datasheet
623Kb / 32P
   PFC & BALLAST CONTROL IC
IRP2166 IRF-IRP2166 Datasheet
616Kb / 32P
   PFC & BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com