Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1039 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TEA1039
Description  Control circuit for switched-mode power supply
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1039 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TEA1039 Datasheet HTML 3Page - NXP Semiconductors TEA1039 Datasheet HTML 4Page - NXP Semiconductors TEA1039 Datasheet HTML 5Page - NXP Semiconductors TEA1039 Datasheet HTML 6Page - NXP Semiconductors TEA1039 Datasheet HTML 7Page - NXP Semiconductors TEA1039 Datasheet HTML 8Page - NXP Semiconductors TEA1039 Datasheet HTML 9Page - NXP Semiconductors TEA1039 Datasheet HTML 10Page - NXP Semiconductors TEA1039 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
August 1982
7
Philips Semiconductors
Product specification
Control circuit for switched-mode power supply
TEA1039
CHARACTERISTICS
VCC = 14 V; Tamb = 25 °C unless otherwise specified
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply VCC (pin 9)
Supply voltage, operating
VCC
11
14
20
V
Supply current
at VCC = 11 V
ICC
7,5
11
mA
at VCC = 20 V
ICC
912
mA
variation with temperature
−−0,3
%/K
Supply voltage, internally limited
at ICC = 30 mA
VCC
23,5
28,5
V
variation with temperature
∆V
CC/∆T
18
mV/K
Low supply threshold voltage
VCCmin
910
11
V
variation with temperature
∆V
CC/∆T
−−5
mV/K
High supply threshold voltage
VCCmax
21
23
24,6
V
variation with temperature
∆VCC/∆T
10
mV/K
Feedback input FB (pin 3)
Input voltage for duty factor = 0;
M input open
V3-7
0
0,3
V
Internal reference current
−I
FB
0,5IRX
mA
Internal resistor Rg
Rg
130
k
Limit setting input LIM (pin 2)
Threshold voltage
V2-7
1
V
Internal reference current
−I
LIM
0,25IRX
mA
Overcurrent protection input CM (pin 1)
Threshold voltage
V1-7
300
370
420
mV
variation with temperature
∆V
1-7/∆T
0,2
mV/K
Propagation delay, CM input to output
tPHL
500
ns
I
CC ICC
T
-------------------------


Similar Part No. - TEA1039

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TEA1007 TEMIC-TEA1007 Datasheet
124Kb / 8P
   Simple Phase Control Circuit
logo
List of Unclassifed Man...
TEA1007 ETC1-TEA1007 Datasheet
188Kb / 1P
   TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
logo
STMicroelectronics
TEA1014 STMICROELECTRONICS-TEA1014 Datasheet
82Kb / 6P
   VIDEO AND AUDIO SIGNALS SWITCHINGS FOR THE PERI-TELEVISION PLUG
March 1991
logo
List of Unclassifed Man...
TEA1017 ETC-TEA1017 Datasheet
267Kb / 8P
   13 BIT SERIES PARALLEL CONVERTER
logo
TEMIC Semiconductors
TEA1024 TEMIC-TEA1024 Datasheet
114Kb / 8P
   Zero Voltage Switch with Fixed Ramp
More results

Similar Description - TEA1039

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5562 PHILIPS-NE5562 Datasheet
299Kb / 29P
   Switched-mode power supply control circuit
1994 Aug 31
logo
Seme LAB
IP1060A SEME-LAB-IP1060A Datasheet
27Kb / 3P
   SWITCHED MODE POWER SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5561 PHILIPS-NE5561 Datasheet
66Kb / 5P
   Switched-mode power supply control circuit
1994 Aug 31
NE5560 PHILIPS-NE5560 Datasheet
240Kb / 16P
   Switched-mode power supply control circuit
1994 Aug 31
logo
NTE Electronics
NTE7002 NTE-NTE7002 Datasheet
29Kb / 4P
   Integrated Circuit Switched Mode Power Supply Control
logo
NXP Semiconductors
TDA8380A PHILIPS-TDA8380A Datasheet
158Kb / 20P
   Control circuit for switched mode power supplies
November 1993
logo
NTE Electronics
NTE7117 NTE-NTE7117 Datasheet
22Kb / 2P
   Integrated Circuit Switched-Mode Power Supply Controller
logo
List of Unclassifed Man...
TDA4600-3 ETC-TDA4600-3 Datasheet
590Kb / 15P
   CONTROL IC FOR SWITCHED - MODE POWER SUPPLIES
logo
Siemens Semiconductor G...
TDA4601 SIEMENS-TDA4601 Datasheet
810Kb / 28P
   Control ICs for Switched-Mode Power Supplies
logo
List of Unclassifed Man...
UAA4006A ETC1-UAA4006A Datasheet
396Kb / 8P
   SWITCH MODE POWER SUPPLY CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com