Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAIXP972MBCA4 Datasheet(PDF) 80 Page - Intel Corporation

Part # FAIXP972MBCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FAIXP972MBCA4 Datasheet(HTML) 80 Page - Intel Corporation

Back Button FAIXP972MBCA4 Datasheet HTML 76Page - Intel Corporation FAIXP972MBCA4 Datasheet HTML 77Page - Intel Corporation FAIXP972MBCA4 Datasheet HTML 78Page - Intel Corporation FAIXP972MBCA4 Datasheet HTML 79Page - Intel Corporation FAIXP972MBCA4 Datasheet HTML 80Page - Intel Corporation FAIXP972MBCA4 Datasheet HTML 81Page - Intel Corporation FAIXP972MBCA4 Datasheet HTML 82Page - Intel Corporation FAIXP972MBCA4 Datasheet HTML 83Page - Intel Corporation FAIXP972MBCA4 Datasheet HTML 84Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
80
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
Table 46 lists auto-negotiation link partner base page ability bits.
Table 46. Auto-Negotiation Link Partner Base Page Ability Register - Address 5, Hex 5
Bit
Name
Description
Type 1
Default
5.15
Next Page
0 = Link Partner has no ability to send multiple pages.
1 = Link Partner has ability to send multiple pages.
RO
0
5.14
Acknowledge
0 = Link Partner has not received Link Code Word
from the LXT972M Transceiver.
1 = Link Partner has received Link Code Word from
the LXT972M Transceiver.
RO
0
5.13
Remote Fault
0 = No remote fault.
1 = Remote fault.
RO
0
5.12
Reserved
Ignore when read.
RO
0
5.11
Asymmetric
Pause
Pause operation defined in IEEE 802.3 Standard,
Clause 40 and 27.
0 = Link Partner is not Pause capable.
1 = Link Partner is Pause capable.
RO
0
5.10
Pause
0 = Link Partner is not Pause capable.
1 = Link Partner is Pause capable.
RO
0
5.9
100BASE-T4
0 = Link Partner is not 100BASE-T4 capable.
1 = Link Partner is 100BASE-T4 capable.
RO
0
5.8
100BASE-TX
Full-Duplex
0 = Link Partner is not 100BASE-TX full-duplex
capable.
1 = Link Partner is 100BASE-TX full-duplex capable.
RO
0
5.7
100BASE-TX
0 = Link Partner is not 100BASE-TX capable.
1 = Link Partner is 100BASE-TX capable.
RO
0
5.6
10BASE-T
Full-Duplex
0 = Link Partner is not 10BASE-T full-duplex capable.
1 = Link Partner is 10BASE-T full-duplex capable.
RO
0
5.5
10BASE-T
0 = Link Partner is not 10BASE-T capable.
1 = Link Partner is 10BASE-T capable.
RO
0
5.4:0
Selector Field
S<4:0>
<00001> = IEEE 802.3.
<00010> = IEEE 802.9 ISLAN-16T.
<00000> = Reserved for future auto-negotiation
development.
<11111> = Reserved for future auto-negotiation
development.
Unspecified or reserved combinations must not be
transmitted.
RO
0
1. RO = Read Only


Similar Part No. - FAIXP972MBCA4

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
FAIXPEAD0QE000 INTEL-FAIXPEAD0QE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXPEAD0QE001 INTEL-FAIXPEAD0QE001 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXPEAD0SE000 INTEL-FAIXPEAD0SE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXPEAD0SE001 INTEL-FAIXPEAD0SE001 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXPECD0QE000 INTEL-FAIXPECD0QE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
More results

Similar Description - FAIXP972MBCA4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
Intel Corporation
LXT9785 INTEL-LXT9785 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
   Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
AC101L-PB01-R ETC-AC101L-PB01-R Datasheet
102Kb / 2P
   10 / 100 BASE-TX SINGLE-PHY TRANSCEIVER
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
AC101-QF ETC-AC101-QF Datasheet
155Kb / 2P
   10/100 BASE - TX SINGLE-CHANNEL ALTI PHY TRANSCEIVER
AC101L ETC2-AC101L Datasheet
73Kb / 2P
   10/100BASE-TX SINGLE-PHY TRANSCEIVER
logo
Texas Instruments
DP83848-EP TI1-DP83848-EP_V01 Datasheet
2Mb / 97P
[Old version datasheet]   PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
logo
Vitesse Semiconductor C...
VSC8201 VITESSE-VSC8201 Datasheet
487Kb / 21P
   Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com