Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAIXF972MBCA4 Datasheet(PDF) 13 Page - Intel Corporation

Part # FAIXF972MBCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FAIXF972MBCA4 Datasheet(HTML) 13 Page - Intel Corporation

Back Button FAIXF972MBCA4 Datasheet HTML 9Page - Intel Corporation FAIXF972MBCA4 Datasheet HTML 10Page - Intel Corporation FAIXF972MBCA4 Datasheet HTML 11Page - Intel Corporation FAIXF972MBCA4 Datasheet HTML 12Page - Intel Corporation FAIXF972MBCA4 Datasheet HTML 13Page - Intel Corporation FAIXF972MBCA4 Datasheet HTML 14Page - Intel Corporation FAIXF972MBCA4 Datasheet HTML 15Page - Intel Corporation FAIXF972MBCA4 Datasheet HTML 16Page - Intel Corporation FAIXF972MBCA4 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
13
Document Number: 302875-005
Revision Date: 27-Oct-2005
Note:
For the tables in this section and the following sections, the abbreviations listed in Table 2 are used
for the “Type” column.
Table 3 lists the LXT972M Transceiver LQFP pin numbers, symbols, and pin types.
Table 2.
Intel® LXT972M Transceiver Signal Types
Abbreviation
Meaning
AI
Analog Input
AO
Analog Output
I
Input
I/O
Input/Output
O
Output
OD
Open Drain
Table 3.
Intel
® LXT972M Transceiver LQFP Numeric Pin List (Sheet 1 of 2)
Pin
Symbol
Type
1
CRS
O
2
REFCLK/XI
AI
3XO
AO
4
RESET_L
I
5GND
6
VCCIO
7NC
8NC
9GND
10
ADDR0
I
11
ADDR1
I
12
RBIAS
AI
13
GNDA
14
TPOP
AO
15
TPON
AO
16
VCCA
17
TPIP
AI
18
TPIN
AI
19
TDI
I
20
TDO
O
21
TMS
I
22
TCK
I
23
TRST_L
I
24
GND
25
GND


Similar Part No. - FAIXF972MBCA4

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
FAIXFEAD0QE000 INTEL-FAIXFEAD0QE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXFEAD0QE001 INTEL-FAIXFEAD0QE001 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXFEAD0SE000 INTEL-FAIXFEAD0SE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXFEAD0SE001 INTEL-FAIXFEAD0SE001 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXFECD0QE000 INTEL-FAIXFECD0QE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
More results

Similar Description - FAIXF972MBCA4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
Intel Corporation
LXT9785 INTEL-LXT9785 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
   Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
AC101L-PB01-R ETC-AC101L-PB01-R Datasheet
102Kb / 2P
   10 / 100 BASE-TX SINGLE-PHY TRANSCEIVER
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
AC101-QF ETC-AC101-QF Datasheet
155Kb / 2P
   10/100 BASE - TX SINGLE-CHANNEL ALTI PHY TRANSCEIVER
AC101L ETC2-AC101L Datasheet
73Kb / 2P
   10/100BASE-TX SINGLE-PHY TRANSCEIVER
logo
Texas Instruments
DP83848-EP TI1-DP83848-EP_V01 Datasheet
2Mb / 97P
[Old version datasheet]   PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
logo
Vitesse Semiconductor C...
VSC8201 VITESSE-VSC8201 Datasheet
487Kb / 21P
   Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com