Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAIXE972MBCA4 Datasheet(PDF) 34 Page - Intel Corporation

Part # FAIXE972MBCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FAIXE972MBCA4 Datasheet(HTML) 34 Page - Intel Corporation

Back Button FAIXE972MBCA4 Datasheet HTML 30Page - Intel Corporation FAIXE972MBCA4 Datasheet HTML 31Page - Intel Corporation FAIXE972MBCA4 Datasheet HTML 32Page - Intel Corporation FAIXE972MBCA4 Datasheet HTML 33Page - Intel Corporation FAIXE972MBCA4 Datasheet HTML 34Page - Intel Corporation FAIXE972MBCA4 Datasheet HTML 35Page - Intel Corporation FAIXE972MBCA4 Datasheet HTML 36Page - Intel Corporation FAIXE972MBCA4 Datasheet HTML 37Page - Intel Corporation FAIXE972MBCA4 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
34
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.5
Establishing Link
Figure 6 shows an overview of link establishment for the LXT972M Transceiver.
Note:
When a link is established by parallel detection, the LXT972M Transceiver sets the duplex mode to
half-duplex, as defined by the IEEE 802.3 standard.
5.5.1
Auto-Negotiation
If not configured for forced operation, the LXT972M Transceiver attempts to auto-negotiate with
its link partner by sending Fast Link Pulse (FLP) bursts. Each burst consists of up to 33 link pulses
spaced 62.5
μs apart. Odd link pulses (clock pulses) are always present. Even link pulses (data
pulses) may be absent or present to indicate a ‘0’ or a ‘1’. Each FLP burst exchanges 16 bits of
data, which are referred to as a “link code word”. All devices that support auto-negotiation must
implement the “Base Page” defined by the IEEE 802.3 standard (Registers 4 and 5).
The LXT972M Transceiver also supports the optional “Next Page” function as listed in Table 48,
“Auto-Negotiation Next Page Transmit Register - Address 7, Hex 7” on page 82 and Table 49,
“Auto-Negotiation Link Partner Next Page Receive Register - Address 8, Hex 8” on page 82.
5.5.1.1
Base Page Exchange
By exchanging Base Pages, the LXT972M Transceiver and its link partner communicate their
capabilities to each other. Both sides must receive at least three consecutive identical base pages for
negotiation to continue. Each side identifies the highest common capabilities that both sides
support, and each side configures itself accordingly.
Figure 6. Link Establishment Overview)
Check Value
0.12
Start
Done
Enable
Auto-Neg/Parallel Detection
Go To Forced
Settings
Attempt Auto-
Negotiation
Listen for 10T
Link Pulses
Listen for 100TX
Idle Symbols
Link Up?
NO
YES
Power-Up, Reset,
or Link Failure
Disable
Auto-Negotiation
0.12 = 0
0.12 = 1
B3496-01


Similar Part No. - FAIXE972MBCA4

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
FAIXEEAD0QE000 INTEL-FAIXEEAD0QE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXEEAD0QE001 INTEL-FAIXEEAD0QE001 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXEEAD0SE000 INTEL-FAIXEEAD0SE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXEEAD0SE001 INTEL-FAIXEEAD0SE001 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXEECD0QE000 INTEL-FAIXEECD0QE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
More results

Similar Description - FAIXE972MBCA4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
Intel Corporation
LXT9785 INTEL-LXT9785 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
   Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
AC101L-PB01-R ETC-AC101L-PB01-R Datasheet
102Kb / 2P
   10 / 100 BASE-TX SINGLE-PHY TRANSCEIVER
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
AC101-QF ETC-AC101-QF Datasheet
155Kb / 2P
   10/100 BASE - TX SINGLE-CHANNEL ALTI PHY TRANSCEIVER
AC101L ETC2-AC101L Datasheet
73Kb / 2P
   10/100BASE-TX SINGLE-PHY TRANSCEIVER
logo
Texas Instruments
DP83848-EP TI1-DP83848-EP_V01 Datasheet
2Mb / 97P
[Old version datasheet]   PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
logo
Vitesse Semiconductor C...
VSC8201 VITESSE-VSC8201 Datasheet
487Kb / 21P
   Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com