Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08QE64CLC Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MC9S08QE64CLC
Description  8-Bit HCS08 Central Processor Unit
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QE64CLC Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MC9S08QE64CLC Datasheet HTML 20Page - Freescale Semiconductor, Inc MC9S08QE64CLC Datasheet HTML 21Page - Freescale Semiconductor, Inc MC9S08QE64CLC Datasheet HTML 22Page - Freescale Semiconductor, Inc MC9S08QE64CLC Datasheet HTML 23Page - Freescale Semiconductor, Inc MC9S08QE64CLC Datasheet HTML 24Page - Freescale Semiconductor, Inc MC9S08QE64CLC Datasheet HTML 25Page - Freescale Semiconductor, Inc MC9S08QE64CLC Datasheet HTML 26Page - Freescale Semiconductor, Inc MC9S08QE64CLC Datasheet HTML 27Page - Freescale Semiconductor, Inc MC9S08QE64CLC Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
MC9S08QE128 Series Advance Information Data Sheet, Rev. 3
Electrical Characteristics
Freescale Semiconductor
24
Figure 16. Deviation of DCO Output from Trimmed Frequency (50.33 MHz, 25
°C)
3.10
AC Characteristics
This section describes timing characteristics for each peripheral system.
3.10.1
Control Timing
Table 12. Control Timing
Num
C
Rating
Symbol
Min
Typ1
Max
Unit
1D
Bus frequency (tcyc = 1/fBus)
VDD ≤ 2.1V
VDD > 2.1V
fBus
dc
dc
10
25.165
MHz
2
D
Internal low power oscillator period
tLPO
700
1300
μs
3
D
External reset pulse width2
textrst
100
ns
4
D
Reset low drive
trstdrv
34 x tcyc
——
ns
5D
BKGD/MS setup time after issuing background debug
force reset to enter user or BDM modes
tMSSU
500
ns
6D
BKGD/MS hold time after issuing background debug
force reset to enter user or BDM modes 3
tMSH
100
μs
7D
IRQ pulse width
Asynchronous path2
Synchronous path4
tILIH, tIHIL
100
1.5 x tcyc
ns
TBD


Similar Part No. - MC9S08QE64CLC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QE64CLC FREESCALE-MC9S08QE64CLC Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit (CPU)
More results

Similar Description - MC9S08QE64CLC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QG8 FREESCALE-MC9S08QG8 Datasheet
3Mb / 300P
   8-BIT HCS08 Central Processor Unit
MC9S08QE8 FREESCALE-MC9S08QE8 Datasheet
947Kb / 46P
   8-Bit HCS08 Central Processor Unit
MC9S08LL16 FREESCALE-MC9S08LL16 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit
MC9S08QE8 FREESCALE-MC9S08QE8_09 Datasheet
1Mb / 46P
   8-Bit HCS08 Central Processor Unit
MC9S08QB8 FREESCALE-MC9S08QB8 Datasheet
1Mb / 36P
   8-Bit HCS08 Central Processor Unit
MC9S08SE8 FREESCALE-MC9S08SE8 Datasheet
2Mb / 38P
   8-Bit HCS08 Central Processor Unit
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com