Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAIXP972MQCA4 Datasheet(PDF) 24 Page - Intel Corporation

Part # FAIXP972MQCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FAIXP972MQCA4 Datasheet(HTML) 24 Page - Intel Corporation

Back Button FAIXP972MQCA4 Datasheet HTML 20Page - Intel Corporation FAIXP972MQCA4 Datasheet HTML 21Page - Intel Corporation FAIXP972MQCA4 Datasheet HTML 22Page - Intel Corporation FAIXP972MQCA4 Datasheet HTML 23Page - Intel Corporation FAIXP972MQCA4 Datasheet HTML 24Page - Intel Corporation FAIXP972MQCA4 Datasheet HTML 25Page - Intel Corporation FAIXP972MQCA4 Datasheet HTML 26Page - Intel Corporation FAIXP972MQCA4 Datasheet HTML 27Page - Intel Corporation FAIXP972MQCA4 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
24
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.2.1.1
Twisted-Pair Interface
The LXT972M Transceiver supports either 100BASE-TX or 10BASE-T connections over 100
Ω,
Category
5, Unshielded Twisted Pair (UTP) cable. When operating at 100 Mbps, the LXT972M
Transceiver continuously transmits and receives MLT3 symbols. When not transmitting data, the
LXT972M Transceiver generates “IDLE” symbols.
During 10 Mbps operation, Manchester-encoded data is exchanged. When no data is being
exchanged, the line is left in an idle state. Link pulses are transmitted periodically to keep the link
up.
Only a transformer, RJ-45 connector, load resistor, and bypass capacitors are required to complete
this interface. On the transmit side, the LXT972M Transceiver has an active internal termination
and does not require external termination resistors. Intel's patented waveshaping technology shapes
the outgoing signal to help reduce the need for external EMI filters. Four slew rate settings allow
the designer to match the output waveform to the magnetic characteristics. On the receive side, the
internal impedance is high enough that it has no practical effect on the external termination circuit.
(For the slew rate settings, see Table 56, “Transmit Control Register - Address 30, Hex 1E” on
page 89.)
Note:
On the LXT972M Transceiver, MDIX crossover (MDIX) is supported by board design.
5.2.1.2
Remote Fault Detection and Reporting
The LXT972M Transceiver supports the remote fault detection and reporting mechanisms.
“Remote Fault” refers to a MAC-to-MAC communication function that is transparent to PHY layer
devices. It is used only during auto-negotiation, and is applicable only to twisted-pair links.
Remote Fault Detection. Register bit 4.13 in the Auto-Negotiation Advertisement Register is
reserved for Remote Fault indications. It is typically used when re-starting the auto-negotiation
sequence to indicate to the link partner that the link is down because the advertising device
detected a local fault.
When the LXT972M Transceiver receives a Remote Fault indication from its partner during auto-
negotiation, the following occurs:
Register bit 5.13 in the Link Partner Base Page Ability Register is set.
Remote Fault Register bit 1.4 in the MII Status Register is set to pass this information to the
local controller.


Similar Part No. - FAIXP972MQCA4

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
FAIXPEAD0QE000 INTEL-FAIXPEAD0QE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXPEAD0QE001 INTEL-FAIXPEAD0QE001 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXPEAD0SE000 INTEL-FAIXPEAD0SE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXPEAD0SE001 INTEL-FAIXPEAD0SE001 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXPECD0QE000 INTEL-FAIXPECD0QE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
More results

Similar Description - FAIXP972MQCA4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
Intel Corporation
LXT9785 INTEL-LXT9785 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
   Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
AC101L-PB01-R ETC-AC101L-PB01-R Datasheet
102Kb / 2P
   10 / 100 BASE-TX SINGLE-PHY TRANSCEIVER
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
AC101-QF ETC-AC101-QF Datasheet
155Kb / 2P
   10/100 BASE - TX SINGLE-CHANNEL ALTI PHY TRANSCEIVER
AC101L ETC2-AC101L Datasheet
73Kb / 2P
   10/100BASE-TX SINGLE-PHY TRANSCEIVER
logo
Texas Instruments
DP83848-EP TI1-DP83848-EP_V01 Datasheet
2Mb / 97P
[Old version datasheet]   PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
logo
Vitesse Semiconductor C...
VSC8201 VITESSE-VSC8201 Datasheet
487Kb / 21P
   Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com