Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08QE128CLK Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC9S08QE128CLK
Description  8-Bit HCS08 Central Processor Unit
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QE128CLK Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC9S08QE128CLK Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08QE128CLK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08QE128CLK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08QE128CLK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08QE128CLK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08QE128CLK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08QE128CLK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08QE128CLK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08QE128CLK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
MC9S08QE128 Series Advance Information Data Sheet, Rev. 3
Freescale Semiconductor
3
Figure 1. MC9S08QE128 Series Block Diagram
TPM2CH2-0
TPM1CH2-0
ANALOG COMPARATOR
(ACMP1)
ACMP1O
ACMP1-
ACMP1+
VSS
VDD
IIC MODULE (IIC1)
SERIAL PERIPHERAL
INTERFACE MODULE (SPI1)
USER FLASH
USER RAM
128K / 96K / 64K
HCS08 CORE
CPU
BDC
6-CHANNEL TIMER/PWM
MODULE (TPM3)
HCS08 SYSTEM CONTROL
RESETS AND INTERRUPTS
MODES OF OPERATION
POWER MANAGEMENT
VOLTAGE
REGULATOR
COP
IRQ
LVD
OSCILLATOR (XOSC)
VREFL
VREFH
8K / 6K / 4K
INTERFACE (SCI1)
SERIAL COMMUNICATIONS
MISO1
SS1
SPSCK1
3-CHANNEL TIMER/PWM
MODULE (TPM2)
REAL TIME COUNTER (RTC)
DEBUG MODULE (DBG)
PTA3/KBI1P3/SCL1/ADP3
PTA4/ACMP1O/BKGD/MS
PTA5/IRQ/TPM1CLK/RESET
PTA2/KBI1P2/SDA1/ADP2
PTA1/KBI1P1/TPM2CH0/ADP1/ACMP1-
PTA0/KBI1P0/TPM1CH0/ADP0/ACMP1+
PTA6/TPM1CH2/ADP8
PTA7/TPM2CH2/ADP9
MOSI1
PTB3/KBI1P7/MOSI1/ADP7
PTB4/TPM2CH1/MISO1
PTB5/TPM1CH1/SS1
PTB2/KBI1P6/SPSCK1/ADP6
PTB1/KBI1P5/TxD1/ADP5
PTB0/KBI1P4/RxD1/ADP4
PTB6/SDA1/XTAL
PTB7/SCL1/EXTAL
PTC3/TPM3CH3
PTC4/TPM3CH4/RSTO
PTC5/TPM3CH5/ACMP2O
PTC2/TPM3CH2
PTC1/TPM3CH1
PTC0/TPM3CH0
PTC6/RxD2/ACMP2+
PTC7/TxD2/ACMP2-
PTD3/KBI2P3/SS2
PTD4/KBI2P4
PTD5/KBI2P5
PTD2/KBI2P2/MISO2
PTD1/KBI2P1/MOSI2
PTD0/KBI2P0/SPSCK2
PTD6/KBI2P6
PTD7/KBI2P7
PTE3/SS1
PTE4
PTE5
PTE2/MISO1
PTE1/MOSI1
TPM2CLK
PTE6
PTE0/TPM2CLK/SPSCK1
PTF3/ADP13
PTF4/ADP14
PTF5/ADP15
PTF2/ADP12
PTF1/ADP11
PTF0/ADP10
PTF6/ADP16
PTF7/ADP17
PTG1
PTG2/ADP18
PTG3/ADP19
PTG4/ADP20
PTG5/ADP21
PTG0
VSS
VDD
VSSA
VDDA
BKP
INT
ANALOG COMPARATOR
(ACMP2)
INTERFACE (SCI2)
SERIAL COMMUNICATIONS
6
TPM3CH5-0
- VREFH/VREFL internally connected to VDDA/VSSA in 48-pin and 32-pin packages
- VDD and VSS pins are each internally connected to two pads in 32-pin package
PTG6/ADP22
PTG7/ADP23
SOURCE (ICS)
INTERNAL CLOCK
PTJ1
PTJ2
PTJ3
PTJ4
PTJ5
PTJ0
PTJ6
PTJ7
PTH1
PTH2
PTH3
PTH4
PTH5
PTH0
PTH6/SCL2
PTH7/SDA2
IIC MODULE (IIC2)
ANALOG-TO-DIGITAL
CONVERTER (ADC)
24-CHANNEL,12-BIT
3-CHANNEL TIMER/PWM
MODULE (TPM1)
SDA2
SCL2
SERIAL PERIPHERAL
INTERFACE MODULE (SPI2)
MISO2
SS2
SPSCK2
MOSI2
EXTAL
XTAL
10
SDA1
SCL1
ACMP2-
ACMP2+
ACMP2O
RxD1
TxD1
RxD2
TxD2
TPM3CLK
3
TPM1CLK
PTE7/TPM3CLK


Similar Part No. - MC9S08QE128CLK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QE128CLK FREESCALE-MC9S08QE128CLK Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit (CPU)
More results

Similar Description - MC9S08QE128CLK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QG8 FREESCALE-MC9S08QG8 Datasheet
3Mb / 300P
   8-BIT HCS08 Central Processor Unit
MC9S08QE8 FREESCALE-MC9S08QE8 Datasheet
947Kb / 46P
   8-Bit HCS08 Central Processor Unit
MC9S08LL16 FREESCALE-MC9S08LL16 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit
MC9S08QE8 FREESCALE-MC9S08QE8_09 Datasheet
1Mb / 46P
   8-Bit HCS08 Central Processor Unit
MC9S08QB8 FREESCALE-MC9S08QB8 Datasheet
1Mb / 36P
   8-Bit HCS08 Central Processor Unit
MC9S08SE8 FREESCALE-MC9S08SE8 Datasheet
2Mb / 38P
   8-Bit HCS08 Central Processor Unit
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com