Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08QE128CLK Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MC9S08QE128CLK
Description  8-Bit HCS08 Central Processor Unit
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QE128CLK Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MC9S08QE128CLK Datasheet HTML 23Page - Freescale Semiconductor, Inc MC9S08QE128CLK Datasheet HTML 24Page - Freescale Semiconductor, Inc MC9S08QE128CLK Datasheet HTML 25Page - Freescale Semiconductor, Inc MC9S08QE128CLK Datasheet HTML 26Page - Freescale Semiconductor, Inc MC9S08QE128CLK Datasheet HTML 27Page - Freescale Semiconductor, Inc MC9S08QE128CLK Datasheet HTML 28Page - Freescale Semiconductor, Inc MC9S08QE128CLK Datasheet HTML 29Page - Freescale Semiconductor, Inc MC9S08QE128CLK Datasheet HTML 30Page - Freescale Semiconductor, Inc MC9S08QE128CLK Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
Electrical Characteristics
MC9S08QE128 Series Advance Information Data Sheet, Rev. 3
Freescale Semiconductor
27
3.10.3
SPI Timing
Table 14 and Figure 21 through Figure 24 describe the timing requirements for the SPI system.
Table 14. SPI Timing
No.
C
Function
Symbol
Min
Max
Unit
—D
Operating frequency
Master
Slave
fop
fBus/2048
0
fBus/2
fBus/4
Hz
Hz
1D
SPSCK period
Master
Slave
tSPSCK
2
4
2048
tcyc
tcyc
2D
Enable lead time
Master
Slave
tLead
1
/2
1
tSPSCK
tcyc
3D
Enable lag time
Master
Slave
tLag
1
/2
1
tSPSCK
tcyc
4D
Clock (SPSCK) high or low time
Master
Slave
tWSPSCK
tcyc –30
tcyc – 30
1024 tcyc
ns
ns
5D
Data setup time (inputs)
Master
Slave
tSU
15
15
ns
ns
6D
Data hold time (inputs)
Master
Slave
tHI
0
25
ns
ns
7
D
Slave access time
ta
—1
tcyc
8
D
Slave MISO disable time
tdis
—1
tcyc
9D
Data valid (after SPSCK edge)
Master
Slave
tv
25
25
ns
ns
10
D
Data hold time (outputs)
Master
Slave
tHO
0
0
ns
ns
11
D
Rise time
Input
Output
tRI
tRO
tcyc – 25
25
ns
ns
12
D
Fall time
Input
Output
tFI
tFO
tcyc – 25
25
ns
ns


Similar Part No. - MC9S08QE128CLK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QE128CLK FREESCALE-MC9S08QE128CLK Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit (CPU)
More results

Similar Description - MC9S08QE128CLK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QG8 FREESCALE-MC9S08QG8 Datasheet
3Mb / 300P
   8-BIT HCS08 Central Processor Unit
MC9S08QE8 FREESCALE-MC9S08QE8 Datasheet
947Kb / 46P
   8-Bit HCS08 Central Processor Unit
MC9S08LL16 FREESCALE-MC9S08LL16 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit
MC9S08QE8 FREESCALE-MC9S08QE8_09 Datasheet
1Mb / 46P
   8-Bit HCS08 Central Processor Unit
MC9S08QB8 FREESCALE-MC9S08QB8 Datasheet
1Mb / 36P
   8-Bit HCS08 Central Processor Unit
MC9S08SE8 FREESCALE-MC9S08SE8 Datasheet
2Mb / 38P
   8-Bit HCS08 Central Processor Unit
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com