Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAIXF972MLCA4 Datasheet(PDF) 53 Page - Intel Corporation

Part # FAIXF972MLCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FAIXF972MLCA4 Datasheet(HTML) 53 Page - Intel Corporation

Back Button FAIXF972MLCA4 Datasheet HTML 49Page - Intel Corporation FAIXF972MLCA4 Datasheet HTML 50Page - Intel Corporation FAIXF972MLCA4 Datasheet HTML 51Page - Intel Corporation FAIXF972MLCA4 Datasheet HTML 52Page - Intel Corporation FAIXF972MLCA4 Datasheet HTML 53Page - Intel Corporation FAIXF972MLCA4 Datasheet HTML 54Page - Intel Corporation FAIXF972MLCA4 Datasheet HTML 55Page - Intel Corporation FAIXF972MLCA4 Datasheet HTML 56Page - Intel Corporation FAIXF972MLCA4 Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
53
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.9.3
LED Functions
The LXT972M Transceiver has these direct LED driver pins: LED/CFG1, LED/CFG2, and LED/
CFG3.
On power-up, all the drivers are asserted for approximately 1 second after reset de-asserts. Each
LED driver can be programmed using the LED Configuration Register (Table 54, “LED
Configuration Register - Address 20, Hex 14” on page 87) to indicate one of the following
conditions:
Collision Condition
Duplex Mode
Link Status
Operating Speed
Receive Activity
Transmit Activity
The LED drivers can also be programmed to display various combined status conditions. For
example, setting Register bits 20.15:12 to ‘1101’ produces the following combination of Link and
Activity indications:
If Link is down, LED is off. If activity is detected from the MAC, the LED still blinks even if
the link is down.
If Link is up, LED is on.
If Link is up and activity is detected, the LED blinks at the stretch interval selected by Register
bits 20.3:2 and continues to blink as long as activity is present.
For the LXT972M Transceiver, the LED driver pins also provide initial configuration settings. The
LED pins are sensitive to polarity and automatically pull up or pull down to configure for either
open drain or open collector circuits (10 mA Max current rating) as required by the hardware
configuration. For details, see the discussion of “Hardware Configuration Settings” on page 33.


Similar Part No. - FAIXF972MLCA4

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
FAIXFEAD0QE000 INTEL-FAIXFEAD0QE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXFEAD0QE001 INTEL-FAIXFEAD0QE001 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXFEAD0SE000 INTEL-FAIXFEAD0SE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXFEAD0SE001 INTEL-FAIXFEAD0SE001 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXFECD0QE000 INTEL-FAIXFECD0QE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
More results

Similar Description - FAIXF972MLCA4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
Intel Corporation
LXT9785 INTEL-LXT9785 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
   Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
AC101L-PB01-R ETC-AC101L-PB01-R Datasheet
102Kb / 2P
   10 / 100 BASE-TX SINGLE-PHY TRANSCEIVER
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
AC101-QF ETC-AC101-QF Datasheet
155Kb / 2P
   10/100 BASE - TX SINGLE-CHANNEL ALTI PHY TRANSCEIVER
AC101L ETC2-AC101L Datasheet
73Kb / 2P
   10/100BASE-TX SINGLE-PHY TRANSCEIVER
logo
Texas Instruments
DP83848-EP TI1-DP83848-EP_V01 Datasheet
2Mb / 97P
[Old version datasheet]   PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
logo
Vitesse Semiconductor C...
VSC8201 VITESSE-VSC8201 Datasheet
487Kb / 21P
   Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com