Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAIXE972MLCA4 Datasheet(PDF) 28 Page - Intel Corporation

Part # FAIXE972MLCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FAIXE972MLCA4 Datasheet(HTML) 28 Page - Intel Corporation

Back Button FAIXE972MLCA4 Datasheet HTML 24Page - Intel Corporation FAIXE972MLCA4 Datasheet HTML 25Page - Intel Corporation FAIXE972MLCA4 Datasheet HTML 26Page - Intel Corporation FAIXE972MLCA4 Datasheet HTML 27Page - Intel Corporation FAIXE972MLCA4 Datasheet HTML 28Page - Intel Corporation FAIXE972MLCA4 Datasheet HTML 29Page - Intel Corporation FAIXE972MLCA4 Datasheet HTML 30Page - Intel Corporation FAIXE972MLCA4 Datasheet HTML 31Page - Intel Corporation FAIXE972MLCA4 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
28
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.3
Operating Requirements
5.3.1
Power Requirements
The LXT972M Transceiver requires three power supply inputs:
VCCA
VCCD
VCCIO
The digital and analog circuits require 3.3 V supplies (VCCA and VCCD). These inputs may be
supplied from a single source. Each supply input must be de-coupled to ground.
An additional supply may be used for the MII (VCCIO). The supply may be either +2.5 V or
+3.3 V. Also, the inputs on the MII interface are tolerant to 5 V signals from the controller on the
other side of the MII interface. For MII I/O characteristics, see Table 24, “Digital I/O
Characteristics1 - MII Pins” on page 62.
Note:
Bring up power supplies as close to the same time as possible.
Note:
As a matter of good practice, keep power supplies as clean as possible.
5.3.2
Clock Requirements
5.3.2.1
External Crystal/Oscillator
The LXT972M Transceiver requires a reference clock input that is used to generate transmit
signals and recover receive signals. It may be provided by either of two methods: by connecting a
crystal across the oscillator pins (XI and XO) with load capacitors, or by connecting an external
clock source to pin XI.
The connection of a clock source to the XI pin requires the XO pin to be left open. To minimize
transmit jitter, Intel recommends a crystal-based clock instead of a derived clock (that is, a PLL-
based clock).
A crystal is typically used in NIC applications. An external 25 MHz clock source, rather than a
crystal, is frequently used in switch applications. For clock timing requirements, see Table 25, “I/O
Characteristics - REFCLK/XI and XO Pins” on page 63.
5.3.2.2
MDIO Clock
The MII management channel (MDIO) also requires an external clock. The managed data clock
(MDC) speed is a maximum of 8 MHz. For details, see Table 37, “Intel® LXT972M Transceiver
MDIO Timing” on page 72.


Similar Part No. - FAIXE972MLCA4

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
FAIXEEAD0QE000 INTEL-FAIXEEAD0QE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXEEAD0QE001 INTEL-FAIXEEAD0QE001 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXEEAD0SE000 INTEL-FAIXEEAD0SE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXEEAD0SE001 INTEL-FAIXEEAD0SE001 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXEECD0QE000 INTEL-FAIXEECD0QE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
More results

Similar Description - FAIXE972MLCA4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
Intel Corporation
LXT9785 INTEL-LXT9785 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
   Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
AC101L-PB01-R ETC-AC101L-PB01-R Datasheet
102Kb / 2P
   10 / 100 BASE-TX SINGLE-PHY TRANSCEIVER
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
AC101-QF ETC-AC101-QF Datasheet
155Kb / 2P
   10/100 BASE - TX SINGLE-CHANNEL ALTI PHY TRANSCEIVER
AC101L ETC2-AC101L Datasheet
73Kb / 2P
   10/100BASE-TX SINGLE-PHY TRANSCEIVER
logo
Texas Instruments
DP83848-EP TI1-DP83848-EP_V01 Datasheet
2Mb / 97P
[Old version datasheet]   PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
logo
Vitesse Semiconductor C...
VSC8201 VITESSE-VSC8201 Datasheet
487Kb / 21P
   Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com