Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAIXE972MLCA4 Datasheet(PDF) 87 Page - Intel Corporation

Part # FAIXE972MLCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FAIXE972MLCA4 Datasheet(HTML) 87 Page - Intel Corporation

Back Button FAIXE972MLCA4 Datasheet HTML 83Page - Intel Corporation FAIXE972MLCA4 Datasheet HTML 84Page - Intel Corporation FAIXE972MLCA4 Datasheet HTML 85Page - Intel Corporation FAIXE972MLCA4 Datasheet HTML 86Page - Intel Corporation FAIXE972MLCA4 Datasheet HTML 87Page - Intel Corporation FAIXE972MLCA4 Datasheet HTML 88Page - Intel Corporation FAIXE972MLCA4 Datasheet HTML 89Page - Intel Corporation FAIXE972MLCA4 Datasheet HTML 90Page - Intel Corporation FAIXE972MLCA4 Datasheet HTML 91Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
87
Document Number: 302875-005
Revision Date: 27-Oct-2005
Table 54 lists LED configuration bits.
Table 54. LED Configuration Register - Address 20, Hex 14 (Sheet 1 of 2)
Bit
Name
Description
Type 1
Default
20.15:12
LED1
Programming
bits
0000 = Display Speed Status (Continuous, Default)
0001 = Display Transmit Status (Stretched)
0010 = Display Receive Status (Stretched)
0011 = Display Collision Status (Stretched)
0100 = Display Link Status (Continuous)
0101 = Display Duplex Status (Continuous)
0110 = Unused
0111 = Display Receive or Transmit Activity (Stretched)
1000 = Test mode - turn LED on (Continuous)
1001 = Test mode - turn LED off (Continuous)
1010 = Test mode - blink LED fast (Continuous)
1011 = Test mode - blink LED slow (Continuous)
1100 = Display Link and Receive Status combined 2
(Stretched)
3
1101 = Display Link and Activity Status combined 2
(Stretched)
3
1110 = Display Duplex and Collision Status combined 4
(Stretched)
3
1111 = Unused
R/W
0000
20.11:8
LED2
Programming
bits
0000 = Display Speed Status
0001 = Display Transmit Status
0010 = Display Receive Status
0011 = Display Collision Status
0100 = Display Link Status (Default)
0101 = Display Duplex Status
0110 = Unused
0111 = Display Receive or Transmit Activity
1000 = Test mode - turn LED on
1001 = Test mode - turn LED off
1010 = Test mode - blink LED fast
1011 = Test mode - blink LED slow
1100 = Display Link and Receive Status combined
2
(Stretched)3
1101 = Display Link and Activity Status combined
2
(Stretched)3
1110 = Display Duplex and Collision Status combined
4
(Stretched)3
1111 = Unused
R/W
0100
1. R/W = Read /Write. RO = Read Only. LH = Latching High
2. Link status is the primary LED driver. The LED is asserted (solid ON) when the link is up.
The secondary LED driver (Receive or Activity) causes the LED to change state (blink).
Activity causes the LED to blink, regardless of the link status.
3. Combined event LED settings are not affected by Pulse Stretch Register bit 20.1. These display settings
are stretched regardless of the value of 20.1.
4. Duplex status is the primary LED driver. The LED is asserted (solid ON) when the link is full-duplex.
Collision status is the secondary LED driver. The LED changes state (blinks) when a collision occurs.
5. Values are approximations. Not guaranteed or production tested.


Similar Part No. - FAIXE972MLCA4

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
FAIXEEAD0QE000 INTEL-FAIXEEAD0QE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXEEAD0QE001 INTEL-FAIXEEAD0QE001 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXEEAD0SE000 INTEL-FAIXEEAD0SE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXEEAD0SE001 INTEL-FAIXEEAD0SE001 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FAIXEECD0QE000 INTEL-FAIXEECD0QE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
More results

Similar Description - FAIXE972MLCA4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
Intel Corporation
LXT9785 INTEL-LXT9785 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
   Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
AC101L-PB01-R ETC-AC101L-PB01-R Datasheet
102Kb / 2P
   10 / 100 BASE-TX SINGLE-PHY TRANSCEIVER
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
AC101-QF ETC-AC101-QF Datasheet
155Kb / 2P
   10/100 BASE - TX SINGLE-CHANNEL ALTI PHY TRANSCEIVER
AC101L ETC2-AC101L Datasheet
73Kb / 2P
   10/100BASE-TX SINGLE-PHY TRANSCEIVER
logo
Texas Instruments
DP83848-EP TI1-DP83848-EP_V01 Datasheet
2Mb / 97P
[Old version datasheet]   PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
logo
Vitesse Semiconductor C...
VSC8201 VITESSE-VSC8201 Datasheet
487Kb / 21P
   Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com