Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FALXT972MLCA4 Datasheet(PDF) 27 Page - Intel Corporation

Part # FALXT972MLCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MLCA4 Datasheet(HTML) 27 Page - Intel Corporation

Back Button FALXT972MLCA4 Datasheet HTML 23Page - Intel Corporation FALXT972MLCA4 Datasheet HTML 24Page - Intel Corporation FALXT972MLCA4 Datasheet HTML 25Page - Intel Corporation FALXT972MLCA4 Datasheet HTML 26Page - Intel Corporation FALXT972MLCA4 Datasheet HTML 27Page - Intel Corporation FALXT972MLCA4 Datasheet HTML 28Page - Intel Corporation FALXT972MLCA4 Datasheet HTML 29Page - Intel Corporation FALXT972MLCA4 Datasheet HTML 30Page - Intel Corporation FALXT972MLCA4 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
27
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.2.3.1.2
MDIO Frame Structure
The physical interface consists of a data line (MDIO) and clock line (MDC). The frame structure is
shown in Figure 3 and Figure 4 (Read and Write).
MDIO Interface timing is given in Chapter 7.0, “Electrical Specifications”.
5.2.3.2
Hardware Control Interface
The LXT972M Transceiver provides a Hardware Control Interface for applications where the
MDIO is not desired. The Hardware Control Interface uses the hardware configuration pins to set
device configuration. For details, see Section 5.4.4, “Hardware Configuration Settings” on
page 33.
Figure 3. Management Interface Read Frame Structure
Figure 4. Management Interface Write Frame Structure
MDC
MDIO
(Read)
32 "1"s
0110
Preamble
ST
Op Code
PHY Address
Turn
Around
Z0
A4
A3
A0
R4
R3
R0
Register Address
D15
D14
D1
Data
Write
Read
D15
D14
D1
D0
Idle
High Z
B3489-01
MDC
MDIO
(Write)
32 "1"s
0101
Preamble
ST
Op Code
PHY Address
Turn
Around
1
0
A4
A3
A0
R4
R3
R0
Register Address
D15
D14
D1
D0
Data
Idle
Idle
Write
B3490-01


Similar Part No. - FALXT972MLCA4

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
FALXTEAD0QE000 INTEL-FALXTEAD0QE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FALXTEAD0QE001 INTEL-FALXTEAD0QE001 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FALXTEAD0SE000 INTEL-FALXTEAD0SE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FALXTEAD0SE001 INTEL-FALXTEAD0SE001 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
FALXTECD0QE000 INTEL-FALXTECD0QE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
More results

Similar Description - FALXT972MLCA4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
Intel Corporation
LXT9785 INTEL-LXT9785 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
   Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
AC101L-PB01-R ETC-AC101L-PB01-R Datasheet
102Kb / 2P
   10 / 100 BASE-TX SINGLE-PHY TRANSCEIVER
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
AC101-QF ETC-AC101-QF Datasheet
155Kb / 2P
   10/100 BASE - TX SINGLE-CHANNEL ALTI PHY TRANSCEIVER
AC101L ETC2-AC101L Datasheet
73Kb / 2P
   10/100BASE-TX SINGLE-PHY TRANSCEIVER
logo
Texas Instruments
DP83848-EP TI1-DP83848-EP_V01 Datasheet
2Mb / 97P
[Old version datasheet]   PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
logo
Vitesse Semiconductor C...
VSC8201 VITESSE-VSC8201 Datasheet
487Kb / 21P
   Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com