Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC25IPFBRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV320AIC25IPFBRG4
Description  LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC25IPFBRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TLV320AIC25IPFBRG4 Datasheet HTML 1Page - Texas Instruments TLV320AIC25IPFBRG4 Datasheet HTML 2Page - Texas Instruments TLV320AIC25IPFBRG4 Datasheet HTML 3Page - Texas Instruments TLV320AIC25IPFBRG4 Datasheet HTML 4Page - Texas Instruments TLV320AIC25IPFBRG4 Datasheet HTML 5Page - Texas Instruments TLV320AIC25IPFBRG4 Datasheet HTML 6Page - Texas Instruments TLV320AIC25IPFBRG4 Datasheet HTML 7Page - Texas Instruments TLV320AIC25IPFBRG4 Datasheet HTML 8Page - Texas Instruments TLV320AIC25IPFBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
www.ti.com
Electrical Characteristics
Absolute Maximum Ratings
TLV320AIC12, TLV320AIC13
TLV320AIC14, TLV320AIC15
TLV320AIC12K, TLV320AIC14K
SLWS115E – OCTOBER 2001 – REVISED JANUARY 2007
Terminal Functions (continued)
TERMINAL
NAME
AIC12/13/12K
AIC14/15/14K
AIC12K
AIC14K
I/O
DESCRIPTION
DBT
DBT
RHB
RHB
NO.
NO.
NO.
NO.
Shift clock. SCLK signal clocks serial data into DIN and out of DOUT
during the frame-sync interval. When configured as an output (M/S
high), SCLK is generated internally by multiplying the frame-sync signal
SCLK
28
28
2
2
I/O
frequency by 16 and the number of codecs in cascade in standard and
continuous mode. When configured as an input (M/S low), SCLK is
generated externally and must be synchronous with the master clock
and frame sync.
DVDD
29
29
3
3
I
Digital power supply
DVSS
30
30
4
4
I
Digital ground
16, 18, 19, 20,
NC
13, 14, 15
16, 26
No connection
26
AIC12, AIC13, AIC14, AIC15, AIC12K, AIC14K: Over Recommended Operating Free-Air Temperature Range
AVDD = 3.3 V, DVDD = 1.8 V, IOVDD = 3.3 V (Unless Otherwise Noted)
Over Operating Free-Air Temperature Range (Unless Otherwise Noted)(1)
UNITS
VCC
Supply voltage range:
DVDD(2)
-0.3 V to 2.25 V
AVDD, DRVDD, IOVDD (2)
-0.3 V to 4 V
VO
Output voltage range, all digital output signals
-0.3 V to IOVDD + 0.3 V
VI
Input voltage range, all digital input signals
-0.3 V to IOVDD + 0.3 V
TA
Operating free-air temperature range
-40
°C to 85°C
TJ
Junction temperature
105
°C
Tstg
Storage temperature range
-65
°C to 150°C
Power dissipation
(TJmax - TA ) / θJA
θ
JA
Thermal impedance
44
°C/W
Case temperature for 10 seconds: Package
260
°C
AIC12, AIC13, AIC14, AIC15, AIC12k and AIC14k all
CDM
500 V
pins
AIC12, AIC13, AIC14, AIC15, AIC12k and AIC14k all
HBM
2 kV
ESD Characteristics
pins except for the following:
DVDD, SDA
HBM
1.3 kV
DOUT
HBM
1.9 kV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to VSS.
5
Submit Documentation Feedback


Similar Part No. - TLV320AIC25IPFBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC25IPFBRG4 TI-TLV320AIC25IPFBRG4 Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
More results

Similar Description - TLV320AIC25IPFBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC20 TI1-TLV320AIC20 Datasheet
1Mb / 56P
[Old version datasheet]   Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
TLV320AIC21 TI-TLV320AIC21 Datasheet
379Kb / 62P
[Old version datasheet]   Low Power,Low Voltage 1.1V to 3.6V I/O Highly-Integrated Programmable 16-Bit 26-KSPS Dual Channel Codec
logo
Burr-Brown (TI)
PCM3501 BURR-BROWN-PCM3501 Datasheet
182Kb / 24P
   Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Texas Instruments
PCM3500 TI-PCM3500 Datasheet
218Kb / 26P
[Old version datasheet]   Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Analog Devices
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
logo
Cirrus Logic
CS47L90 CIRRUS-CS47L90 Datasheet
207Kb / 2P
   Low Power, Highly Integrated Smart Audio Codec
logo
Maxim Integrated Produc...
MAX9860 MAXIM-MAX9860_09 Datasheet
931Kb / 40P
   16-Bit Mono Audio Voice Codec
Rev 1; 9/09
MAX9860 MAXIM-MAX9860_12 Datasheet
822Kb / 38P
   16-Bit Mono Audio Voice Codec
Rev 2; 2/12
MAX9860 MAXIM-MAX9860 Datasheet
920Kb / 39P
   16-Bit Mono Audio Voice Codec
Rev 0; 10/08
logo
Suzhou Everest Semicond...
ES8311 EVEREST-ES8311 Datasheet
556Kb / 12P
   Low Power Mono Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com