Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DJLXT972MHEA4 Datasheet(PDF) 11 Page - Intel Corporation

Part # DJLXT972MHEA4
Description  Single-Port 10/100 Mbps PHY Transceiver
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DJLXT972MHEA4 Datasheet(HTML) 11 Page - Intel Corporation

Back Button DJLXT972MHEA4 Datasheet HTML 7Page - Intel Corporation DJLXT972MHEA4 Datasheet HTML 8Page - Intel Corporation DJLXT972MHEA4 Datasheet HTML 9Page - Intel Corporation DJLXT972MHEA4 Datasheet HTML 10Page - Intel Corporation DJLXT972MHEA4 Datasheet HTML 11Page - Intel Corporation DJLXT972MHEA4 Datasheet HTML 12Page - Intel Corporation DJLXT972MHEA4 Datasheet HTML 13Page - Intel Corporation DJLXT972MHEA4 Datasheet HTML 14Page - Intel Corporation DJLXT972MHEA4 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
11
Document Number: 302875-005
Revision Date: 27-Oct-2005
2.0
Block Diagram for Intel® LXT972M Transceiver
Figure 1 is a block diagram of the LXT972M Transceiver. (This block diagram is the same as the
block diagram on the first page of this document. This copy of the block diagram appears here as a
convenience to the reader.)
Figure 1. Intel
® LXT972M Transceiver Block Diagram
TX_EN
RX_ER
CRS
Power Supply
Management /
Mode Select
Logic
ADDR[1:0]
MDIO
MDC
RX_DV
TPON
TPOP
TPIN
TPIP
REFCLK/XI
VCC
GND
COL
RX_CLK
TX_CLK
TXD[3:0]
Decoder &
Descrambler
+
-
Serial-to-
Parallel
Converter
Scrambler
& Encoder
Parallel/Serial
Converter
Carrier Sense
Data Valid
Error Detect
Auto
Negotiation
Manchester
Decoder
Manchester
Encoder
10
100
10
100
Media
Select
TP
Driver
TP Out
Register
Set
Register Set
Clock
Generator
+
-
10BT
Collision
Detect
Clock
Generator
OSP
Adaptive EQ with
Baseline Wander
Cancellation
OSP
Slicer
OSP
Pulse
Shaper
RXD[3:0]
+
-
100TX
TP In
JTAG
5
TDO
TMS
TCK
TRST_L
RESET_L
B3387-13
LED/CFG[3:1]
TDI
XO


Similar Part No. - DJLXT972MHEA4

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DJLXT971ALCA4 INTEL-DJLXT971ALCA4 Datasheet
650Kb / 90P
   3.3V Dual-Speed Fast Ethernet PHY Transceiver
DJLXT971ALEA4 INTEL-DJLXT971ALEA4 Datasheet
650Kb / 90P
   3.3V Dual-Speed Fast Ethernet PHY Transceiver
More results

Similar Description - DJLXT972MHEA4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
Intel Corporation
LXT9785 INTEL-LXT9785 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
   Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
AC101L-PB01-R ETC-AC101L-PB01-R Datasheet
102Kb / 2P
   10 / 100 BASE-TX SINGLE-PHY TRANSCEIVER
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
AC101-QF ETC-AC101-QF Datasheet
155Kb / 2P
   10/100 BASE - TX SINGLE-CHANNEL ALTI PHY TRANSCEIVER
AC101L ETC2-AC101L Datasheet
73Kb / 2P
   10/100BASE-TX SINGLE-PHY TRANSCEIVER
logo
Texas Instruments
DP83848-EP TI1-DP83848-EP_V01 Datasheet
2Mb / 97P
[Old version datasheet]   PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
logo
Vitesse Semiconductor C...
VSC8201 VITESSE-VSC8201 Datasheet
487Kb / 21P
   Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com