Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA4277UA Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. OPA4277UA
Description  High Precision OPERATIONAL AMPLIFIERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA4277UA Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button OPA4277UA Datasheet HTML 2Page - Burr-Brown (TI) OPA4277UA Datasheet HTML 3Page - Burr-Brown (TI) OPA4277UA Datasheet HTML 4Page - Burr-Brown (TI) OPA4277UA Datasheet HTML 5Page - Burr-Brown (TI) OPA4277UA Datasheet HTML 6Page - Burr-Brown (TI) OPA4277UA Datasheet HTML 7Page - Burr-Brown (TI) OPA4277UA Datasheet HTML 8Page - Burr-Brown (TI) OPA4277UA Datasheet HTML 9Page - Burr-Brown (TI) OPA4277UA Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
OPA277, OPA2277, OPA4277
6
SBOS079A
www.ti.com
TYPICAL CHARACTERISTICS (CONT)
At TA = +25°C, VS = ±15V, and RL = 2kΩ, unless otherwise noted.
OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Offset Voltage (µV)
–50–45–40–35–30–25–20–15–10 –5 0 5 101520253035404550
16
14
12
10
8
6
4
2
0
Typical distribution
of packaged units.
Single, dual, and
quad included.
3
2
1
0
–1
–2
–3
0
30
60
90
120
Time from Power Supply Turn-On (s)
WARM-UP OFFSET VOLTAGE DRIFT
15
45
75
105
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage (µV/°C)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
35
30
25
20
15
10
5
0
Typical distribution
of packaged units.
Single, dual, and
quad included.
INPUT BIAS CURRENT vs TEMPERATURE
125
Temperature (°C)
–75
–50
–25
0
25
50
75
100
5
4
3
2
1
0
–1
–2
–3
–4
–5
Curves represent typical
production units.
–75
–50
–25
0
25
50
75
100
125
160
150
140
130
120
110
100
Temperature (°C)
A
OL, CMR, PSR vs TEMPERATURE
CMR
A
OL
PSR
–75
–50
–25
0
25
50
75
100
125
1000
950
900
850
800
750
700
650
600
550
500
100
90
80
70
60
50
40
30
20
10
0
Temperature (°C)
QUIESCENT CURRENT AND
SHORT-CIRCUIT CURRENT vs TEMPERATURE
+I
SC
–I
SC
±I
Q


Similar Part No. - OPA4277UA

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
OPA4277UA TI-OPA4277UA Datasheet
1Mb / 26P
[Old version datasheet]   High Precision OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4277UA

ManufacturerPart No.DatasheetDescription
Burr-Brown (TI)
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277 Datasheet
346Kb / 9P
   High Precision OPERATIONAL AMPLIFIERS
Texas Instruments
Texas Instruments
OPA277U TI-OPA277U Datasheet
1Mb / 26P
[Old version datasheet]   High Precision OPERATIONAL AMPLIFIERS
OPA277UA2K5 TI1-OPA277UA2K5 Datasheet
1Mb / 27P
[Old version datasheet]   High Precision OPERATIONAL AMPLIFIERS
Motorola, Inc
Motorola, Inc
LM11C MOTOROLA-LM11C Datasheet
359Kb / 6P
   Precision Operational Amplifiers
Tiger Electronic Co.,Ltd
Tiger Electronic Co.,Lt...
OP07CP TGS-OP07CP Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
OP07 TGS-OP07 Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
Texas Instruments
Texas Instruments
OP07C TI-OP07C_06 Datasheet
264Kb / 11P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
Tiger Electronic Co.,Ltd
Tiger Electronic Co.,Lt...
OP07CDR TGS-OP07CDR Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
Texas Instruments
Texas Instruments
OP07C TI-OP07C Datasheet
133Kb / 7P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
OP07C TI1-OP07C Datasheet
927Kb / 21P
[Old version datasheet]   Precision Operational Amplifiers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz