Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4277UA Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA4277UA
Description  High Precision OPERATIONAL AMPLIFIERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA4277UA Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA4277UA Datasheet HTML 1Page - Burr-Brown (TI) OPA4277UA Datasheet HTML 2Page - Burr-Brown (TI) OPA4277UA Datasheet HTML 3Page - Burr-Brown (TI) OPA4277UA Datasheet HTML 4Page - Burr-Brown (TI) OPA4277UA Datasheet HTML 5Page - Burr-Brown (TI) OPA4277UA Datasheet HTML 6Page - Burr-Brown (TI) OPA4277UA Datasheet HTML 7Page - Burr-Brown (TI) OPA4277UA Datasheet HTML 8Page - Burr-Brown (TI) OPA4277UA Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
OPA277, OPA2277, OPA4277
3
SBOS079A
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±5V to VS = ±15V
At TA = +25°C, and RL = 2kΩ, unless otherwise noted.
Boldface limits apply over the specified temperature range, –40
°C to +85°C.
OPA277PA, UA
OPA277P, U
OPA2277PA, UA
OPA277AIDRM,
OPA2277P, U
OPA4277PA, UA
OPA2277AIDRM
PARAMETER
CONDITION
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage:
VOS
OPA277P, U (high grade, single)
±10
±20
µV
OPA2277P, U (high grade, dual)
±10
±25
µV
All PA, UA, Versions
±20
±50
µV
AIDRM Versions
±35
±100
µV
Input Offset Voltage Over Temperature
OPA277P, U (high grade, single)
TA = –40°C to +85°C
±30
µV
OPA2277P, U (high grade, dual)
TA = –40°C to +85°C
±50
µV
All PA, UA, Versions
TA = –40°C to +85°C
±100
µV
AIDRM Versions
TA = –40°C to +85°C
±165
µV
Input Offset Voltage Drift
dVOS/dT
OPA277P, U (high grade, single)
TA = –40°C to +85°C
±0.1
±0.15
µV/°C
OPA2277P, U (high grade, dual)
TA = –40°C to +85°C
±0.1
±0.25
µV/°C
All PA, UA, AIDRM Versions
TA = –40°C to +85°C
±0.15
±1
±0.15
±1
µV/°C
Input Offset Voltage: (all models)
vs Time
0.2
✻✻
µV/mo
vs Power Supply
PSRR
VS = ±2V to ±18V
±0.3
±0.5
±1
±1
µV/V
TA = –40°C to +85°C
VS = ±2V to ±18V
±0.5
±1
±1
µV/V
Channel Separation (dual, quad)
dc
0.1
✻✻
µV/V
INPUT BIAS CURRENT
Input Bias Current
IB
±0.5
±1
±2.8
±2.8
nA
TA = –40°C to +85°C
±2
±4
±4nA
Input Offset Current
IOS
±0.5
±1
±2.8
±2.8
nA
TA = –40°C to +85°C
±2
±4
±4nA
NOISE
Input Voltage Noise, f = 0.1 to 10Hz
0.22
✻✻
µV
PP
0.035
✻✻
µVrms
Input Voltage Noise Density, f = 10Hz
en
12
✻✻
nV/
√Hz
f = 100Hz
8
✻✻
nV/
√Hz
f = 1kHz
8
✻✻
nV/
√Hz
f = 10kHz
8
✻✻
nV/
√Hz
Current Noise Density, f = 1kHz
in
0.2
✻✻
pA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V–) +2
(V+) –2
✻✻
✻✻
V
Common-Mode Rejection
CMRR
VCM = (V–) +2V to (V+) –2V
130
140
115
115
dB
TA = –40°C to +85°C
VCM = (V–) +2V to (V+) –2V
128
115
115
dB
INPUT IMPEDANCE
Differential
100 || 3
✻✻
M
Ω || pF
Common-Mode
VCM = (V–) +2V to (V+) –2V
250 || 3
✻✻
G
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
VO = (V–)+0.5V to
(V+)–1.2V, RL = 10kΩ
140
✻✻
dB
VO = (V–)+1.5V to
(V+)–1.5V, RL = 2kΩ
126
134
✻✻
✻✻
dB
TA = –40°C to +85°CVO = (V–)+1.5V to
(V+)–1.5V, RL = 2kΩ
126
✻✻
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
1
✻✻
MHz
Slew Rate
SR
0.8
✻✻
V/
µs
Settling Time, 0.1%
VS = ±15V, G = 1, 10V Step
14
✻✻
µs
0.01%
VS = ±15V, G = 1, 10V Step
16
✻✻
µs
Overload Recovery Time
VIN • G = VS
3
✻✻
µs
Total Harmonic Distortion + Noise THD+N
1kHz, G = 1, VO = 3.5Vrms
0.002
✻✻
%
✻ Specifications same as OPA277P, U.
NOTE: (1) VS = ±15V.


Similar Part No. - OPA4277UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4277UA TI-OPA4277UA Datasheet
1Mb / 26P
[Old version datasheet]   High Precision OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4277UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277 Datasheet
346Kb / 9P
   High Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA277UA2K5 TI1-OPA277UA2K5 Datasheet
1Mb / 27P
[Old version datasheet]   High Precision OPERATIONAL AMPLIFIERS
OPA277U TI-OPA277U Datasheet
1Mb / 26P
[Old version datasheet]   High Precision OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07CP TGS-OP07CP Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
LM11C MOTOROLA-LM11C Datasheet
359Kb / 6P
   Precision Operational Amplifiers
logo
Tiger Electronic Co.,Lt...
OP07 TGS-OP07 Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C_06 Datasheet
264Kb / 11P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07CDR TGS-OP07CDR Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C Datasheet
133Kb / 7P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
OP07C TI1-OP07C Datasheet
927Kb / 21P
[Old version datasheet]   Precision Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com