Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA9875AH Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA9875AH
Description  Digital TV Sound Processor DTVSP
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9875AH Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA9875AH Datasheet HTML 3Page - NXP Semiconductors TDA9875AH Datasheet HTML 4Page - NXP Semiconductors TDA9875AH Datasheet HTML 5Page - NXP Semiconductors TDA9875AH Datasheet HTML 6Page - NXP Semiconductors TDA9875AH Datasheet HTML 7Page - NXP Semiconductors TDA9875AH Datasheet HTML 8Page - NXP Semiconductors TDA9875AH Datasheet HTML 9Page - NXP Semiconductors TDA9875AH Datasheet HTML 10Page - NXP Semiconductors TDA9875AH Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 96 page
background image
1999 Dec 20
7
Philips Semiconductors
Product specification
Digital TV Sound Processor (DTVSP)
TDA9875A
5
PINNING
SYMBOL
PIN
PIN
TYPE(1)
DESCRIPTION
TDA9875A
TDA9875AH
PCLK
1
57
O
NICAM clock output at 728 kHz
NICAM
2
58
O
serial NICAM data output at 728 kHz
ADDR1
3
59
I
I2C-bus slave address input 1
SCL
4
60
I
I2C-bus clock input
SDA
5
61
I/O
I2C-bus data input/output
VSSA1
6
62
S
supply ground 1; analog front-end circuitry
VDEC1
763
supply voltage decoupling 1; analog front-end circuitry
Iref
864
resistor for reference current generator; analog front-end circuitry
P1
9
1
I/O
general purpose input/output pin 1
SIF2
10
2
I
sound IF input 2
Vref1
11
3
reference voltage 1; analog front-end circuitry
SIF1
12
4
I
sound IF input 1
ADDR2
13
5
I
I2C-bus slave address input 2
VSSD1
14
6
S
supply ground 1; digital circuitry
VDDD1
15
7
S
digital supply voltage 1; digital circuitry
CRESET
16
8
capacitor for Power-on reset
VSSD4
17
9
S
supply ground 4; digital circuitry
XTALI
18
10
I
crystal oscillator input
XTALO
19
11
O
crystal oscillator output
P2
20
12
I/O
general purpose input/output pin 2
SYSCLK
21
13
O
system clock output
SCK
22
14
I/O
I2S-bus clock input/output
WS
23
15
I/O
I2S-bus word select input/output
SDO2
24
16
O
I2S-bus data output 2 (I2S2 output)
SDO1
25
17
O
I2S-bus data output 1 (I2S1 output)
SDI2
26
18
I
I2S-bus data input 2 (I2S2 input)
SDI1
27
19
I
I2S-bus data input 1 (I2S1 input)
TEST1
28
20
I
test pin 1; connected to VSSD1 for normal operating mode
MONOIN
29
21
I
audio mono input
TEST2
30
22
I
test pin 2; connected to VSSD1 for normal operating mode
EXTIR
31
23
I
external audio input right channel
EXTIL
32
24
I
external audio input left channel
SCIR1
33
25
I
SCART 1 input right channel
SCIL1
34
26
I
SCART 1 input left channel
VSSD3
35
27
S
supply ground 3; digital circuitry
SCIR2
36
28
I
SCART 2 input right channel
SCIL2
37
29
I
SCART 2 input left channel
VDEC2
38
30
supply voltage decoupling 2; audio analog-to-digital converter
circuitry


Similar Part No. - TDA9875AH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9875AH PHILIPS-TDA9875AH Datasheet
324Kb / 96P
   Digital TV Sound Processor DTVSP
1999 Dec 20
More results

Similar Description - TDA9875AH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9875 PHILIPS-TDA9875 Datasheet
279Kb / 92P
   Digital TV Sound Processor DTVSP
1998 Feb 13
TDA9870A PHILIPS-TDA9870A Datasheet
362Kb / 88P
   Digital TV Sound Processor DTVSP
1998 Aug 10
TDA9875A PHILIPS-TDA9875A Datasheet
324Kb / 96P
   Digital TV Sound Processor DTVSP
1999 Dec 20
logo
Toshiba Semiconductor
TA1217AN TOSHIBA-TA1217AN Datasheet
716Kb / 19P
   TV-SOUND PROCESSOR
logo
Sony Corporation
CXA1279AS SONY-CXA1279AS Datasheet
212Kb / 12P
   TV SOUND PROCESSOR
CXA1279BS SONY-CXA1279BS Datasheet
184Kb / 15P
   TV SOUND PROCESSOR
logo
Toshiba Semiconductor
TA1304F TOSHIBA-TA1304F Datasheet
315Kb / 31P
   TV-SOUND PROCESSOR
TA1343N TOSHIBA-TA1343N Datasheet
267Kb / 26P
   TV SOUND PROCESSOR
logo
STMicroelectronics
STV82X6 STMICROELECTRONICS-STV82X6 Datasheet
1Mb / 95P
   Multistandard TV Audio Processor and Digital Sound Demodulator
STV8206 STMICROELECTRONICS-STV8206 Datasheet
1Mb / 97P
   Multistandard TV Audio Processor and Digital Sound Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com