Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DJIXF972MBCA4 Datasheet(PDF) 33 Page - Intel Corporation

Part # DJIXF972MBCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DJIXF972MBCA4 Datasheet(HTML) 33 Page - Intel Corporation

Back Button DJIXF972MBCA4 Datasheet HTML 29Page - Intel Corporation DJIXF972MBCA4 Datasheet HTML 30Page - Intel Corporation DJIXF972MBCA4 Datasheet HTML 31Page - Intel Corporation DJIXF972MBCA4 Datasheet HTML 32Page - Intel Corporation DJIXF972MBCA4 Datasheet HTML 33Page - Intel Corporation DJIXF972MBCA4 Datasheet HTML 34Page - Intel Corporation DJIXF972MBCA4 Datasheet HTML 35Page - Intel Corporation DJIXF972MBCA4 Datasheet HTML 36Page - Intel Corporation DJIXF972MBCA4 Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
33
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.4.4
Hardware Configuration Settings
The LXT972M Transceiver provides a hardware option to set the initial device configuration. As
listed in Table 13, the hardware option uses the hardware configuration pins, the settings for which
provide control bits.
Table 13. Hardware Configuration Settings for Intel
® LXT972M Transceiver
Desired Mode
LED/CFG
Pin
Settings
1
Resulting Register Bit Values
Control Register
Auto-Negotiation Advertisement
Register
Auto-
Neg.
Speed
(Mbps)
Duplex
123
Auto-
Neg.
0.12
Speed
0.13
Full-
Duplex
0.8
100
BASE-TX
Full-
Duplex
4.8
100
BASE
-TX
4.7
10
BASE-T
Full-
Duplex
4.6
10
BASE-T
4.5
Disabled
10
Half
LLL
0
00
N/A
Auto-Negotiation
Advertisement
Full
L
L
H
0
1
100
Half
L
H
L
1
0
Full
L
H
H
1
1
Enabled
100
Only
Half
H
L
L
1
10
0
1
0
0
Full/Half
H
L
H
1
1
1
1
0
0
10/100
Half Only
H
H
L
1
0
0
1
0
1
Full or
Half
HH
H
1
1
1
1
1
1
1. L = Low, and H = High. For LED/CFG pin assignments, see Chapter 3.0, “Pin Assignments for Intel® LXT972M
Transceiver”.


Similar Part No. - DJIXF972MBCA4

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DJIXFEAD0QE000 INTEL-DJIXFEAD0QE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
DJIXFEAD0QE001 INTEL-DJIXFEAD0QE001 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
DJIXFEAD0SE000 INTEL-DJIXFEAD0SE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
DJIXFEAD0SE001 INTEL-DJIXFEAD0SE001 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
DJIXFECD0QE000 INTEL-DJIXFECD0QE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
More results

Similar Description - DJIXF972MBCA4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
Intel Corporation
LXT9785 INTEL-LXT9785 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
   Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
AC101L-PB01-R ETC-AC101L-PB01-R Datasheet
102Kb / 2P
   10 / 100 BASE-TX SINGLE-PHY TRANSCEIVER
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
AC101-QF ETC-AC101-QF Datasheet
155Kb / 2P
   10/100 BASE - TX SINGLE-CHANNEL ALTI PHY TRANSCEIVER
AC101L ETC2-AC101L Datasheet
73Kb / 2P
   10/100BASE-TX SINGLE-PHY TRANSCEIVER
logo
Texas Instruments
DP83848-EP TI1-DP83848-EP_V01 Datasheet
2Mb / 97P
[Old version datasheet]   PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
logo
Vitesse Semiconductor C...
VSC8201 VITESSE-VSC8201 Datasheet
487Kb / 21P
   Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com