Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DJIXF972MQCA4 Datasheet(PDF) 83 Page - Intel Corporation

Part # DJIXF972MQCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DJIXF972MQCA4 Datasheet(HTML) 83 Page - Intel Corporation

Back Button DJIXF972MQCA4 Datasheet HTML 79Page - Intel Corporation DJIXF972MQCA4 Datasheet HTML 80Page - Intel Corporation DJIXF972MQCA4 Datasheet HTML 81Page - Intel Corporation DJIXF972MQCA4 Datasheet HTML 82Page - Intel Corporation DJIXF972MQCA4 Datasheet HTML 83Page - Intel Corporation DJIXF972MQCA4 Datasheet HTML 84Page - Intel Corporation DJIXF972MQCA4 Datasheet HTML 85Page - Intel Corporation DJIXF972MQCA4 Datasheet HTML 86Page - Intel Corporation DJIXF972MQCA4 Datasheet HTML 87Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
83
Document Number: 302875-005
Revision Date: 27-Oct-2005
9.0
Register Definitions - Product-Specific Registers
This chapter includes definitions of product-specific LXT972M Transceiver registers that are
defined in accordance with the IEEE 802.3 standard for adding unique device functions. (For
definitions of the IEEE base registers used by the LXT972M Transceiver, see Chapter 8.0,
“Register Definitions - IEEE Base Registers”.)
• Table 50 lists the register set of the product-specific registers.
• Table 51 through Table 56 provide bit descriptions of the product-specific registers (address 17
through 30).
Table 50. Register Set for Product-Specific Registers
Address
Register Name
Bit Assignments
16
Port Configuration Register
See Table 51
17
Status Register #2
See Table 52
18
Reserved
19
Status Change Register
See Table 53
20
LED Configuration Register
See Table 54
21
Reserved
22-25
Reserved
26
Digital Configuration Register
See Table 55
27
Reserved
28
Reserved
29
Reserved
30
Transmit Control Register
See Table 56
31
Reserved


Similar Part No. - DJIXF972MQCA4

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DJIXFEAD0QE000 INTEL-DJIXFEAD0QE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
DJIXFEAD0QE001 INTEL-DJIXFEAD0QE001 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
DJIXFEAD0SE000 INTEL-DJIXFEAD0SE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
DJIXFEAD0SE001 INTEL-DJIXFEAD0SE001 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
DJIXFECD0QE000 INTEL-DJIXFECD0QE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
More results

Similar Description - DJIXF972MQCA4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
Intel Corporation
LXT9785 INTEL-LXT9785 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
   Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
AC101L-PB01-R ETC-AC101L-PB01-R Datasheet
102Kb / 2P
   10 / 100 BASE-TX SINGLE-PHY TRANSCEIVER
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
AC101-QF ETC-AC101-QF Datasheet
155Kb / 2P
   10/100 BASE - TX SINGLE-CHANNEL ALTI PHY TRANSCEIVER
AC101L ETC2-AC101L Datasheet
73Kb / 2P
   10/100BASE-TX SINGLE-PHY TRANSCEIVER
logo
Texas Instruments
DP83848-EP TI1-DP83848-EP_V01 Datasheet
2Mb / 97P
[Old version datasheet]   PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
logo
Vitesse Semiconductor C...
VSC8201 VITESSE-VSC8201 Datasheet
487Kb / 21P
   Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com