Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DJIXE972MQCA4 Datasheet(PDF) 22 Page - Intel Corporation

Part # DJIXE972MQCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DJIXE972MQCA4 Datasheet(HTML) 22 Page - Intel Corporation

Back Button DJIXE972MQCA4 Datasheet HTML 18Page - Intel Corporation DJIXE972MQCA4 Datasheet HTML 19Page - Intel Corporation DJIXE972MQCA4 Datasheet HTML 20Page - Intel Corporation DJIXE972MQCA4 Datasheet HTML 21Page - Intel Corporation DJIXE972MQCA4 Datasheet HTML 22Page - Intel Corporation DJIXE972MQCA4 Datasheet HTML 23Page - Intel Corporation DJIXE972MQCA4 Datasheet HTML 24Page - Intel Corporation DJIXE972MQCA4 Datasheet HTML 25Page - Intel Corporation DJIXE972MQCA4 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
22
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.1
Device Overview
The LXT972M Transceiver is a single-port Fast Ethernet 10/100 transceiver that supports 10 Mbps
and 100 Mbps networks. It complies with applicable requirements of IEEE 802.3. It directly drives
either a 100BASE-TX line or a 10BASE-T line.
5.1.1
Comprehensive Functionality
The LXT972M Transceiver provides a standard Media Independent Interface (MII) for 10/100
MACs. The LXT972M Transceiver performs all functions of the Physical Coding Sublayer (PCS)
and Physical Media Attachment (PMA) sublayer as defined in the IEEE 802.3 100BASE-X
standard. It also performs all functions of the Physical Media Dependent (PMD) sublayer for
100BASE-TX connections.
If the LXT972M Transceiver is not set for forced operation, it uses auto-negotiation/parallel
detection to automatically determine line operating conditions. If the PHY device on the other side
of the link supports auto-negotiation, the LXT972M Transceiver auto-negotiates with it using Fast
Link Pulse (FLP) Bursts. If the PHY partner does not support auto-negotiation, the LXT972M
Transceiver automatically detects the presence of either link pulses (10 Mbps PHY) or Idle
symbols (100 Mbps PHY) and sets its operating conditions accordingly.
The LXT972M Transceiver provides half-duplex and full-duplex operation at 100 Mbps and 10
Mbps.
5.1.2
Optimal Signal Processing Architecture
The LXT972M Transceiver incorporates high-efficiency Optimal Signal Processing (OSP) design
techniques, which combine optimal properties of digital and analog signal processing.
The receiver utilizes decision feedback equalization to increase noise and cross-talk immunity by
as much as 3 dB over an ideal all-analog equalizer. Using OSP mixed-signal processing techniques
in the receive equalizer avoids the quantization noise and calculation truncation errors found in
traditional DSP-based receivers (typically complex DSP engines with A/D converters). This results
in improved receiver noise and cross-talk performance.
The OSP signal processing scheme also requires substantially less computational logic than
traditional DSP-based designs. This lowers power consumption and also reduces the logic
switching noise generated by DSP engines. This logic switching noise can be a considerable source
of EMI generated on the device’s power supplies.
The OSP-based LXT972M Transceiver provides improved data recovery, EMI performance, and
low power consumption.


Similar Part No. - DJIXE972MQCA4

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DJIXEEAD0QE000 INTEL-DJIXEEAD0QE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
DJIXEEAD0QE001 INTEL-DJIXEEAD0QE001 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
DJIXEEAD0SE000 INTEL-DJIXEEAD0SE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
DJIXEEAD0SE001 INTEL-DJIXEEAD0SE001 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
DJIXEECD0QE000 INTEL-DJIXEECD0QE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
More results

Similar Description - DJIXE972MQCA4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
Intel Corporation
LXT9785 INTEL-LXT9785 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
   Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
AC101L-PB01-R ETC-AC101L-PB01-R Datasheet
102Kb / 2P
   10 / 100 BASE-TX SINGLE-PHY TRANSCEIVER
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
AC101-QF ETC-AC101-QF Datasheet
155Kb / 2P
   10/100 BASE - TX SINGLE-CHANNEL ALTI PHY TRANSCEIVER
AC101L ETC2-AC101L Datasheet
73Kb / 2P
   10/100BASE-TX SINGLE-PHY TRANSCEIVER
logo
Texas Instruments
DP83848-EP TI1-DP83848-EP_V01 Datasheet
2Mb / 97P
[Old version datasheet]   PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
logo
Vitesse Semiconductor C...
VSC8201 VITESSE-VSC8201 Datasheet
487Kb / 21P
   Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com