Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX9242 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX9242
Description  21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX9242 Datasheet(HTML) 2 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
21-Bit Deserializers with Programmable
Spread Spectrum and DC Balance
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = LVDSVCC = PLLVCC = +3.0V to +3.6V, VCCO = +3.0V to +5.5V, PWRDWN = high; SSG = high, open, or low; DCB = high or
low, differential input voltage |VID| = 0.05V to 1.2V, input common-mode voltage VCM = |VID / 2| to 2.4V - |VID / 2|, unless otherwise
noted. Typical values are at VCC = VCCO = LVDSVCC = PLLVCC = +3.3V, |VID| = 0.2V, VCM = +1.25V, TA = +25°C.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
VCC, LVDSVCC, PLLVCC .......................................-0.5V to +4.0V
VCCO......................................................................-0.5V to +6.0V
RxIN_, RxCLKIN_ ..................................................-0.5V to +4.0V
PWRDWN ..............................................................-0.5V to +6.0V
SSG, DCB...................................................-0.5V to (VCC + 0.5V)
RxOUT_, RxCLKOUT ...............................-0.5V to (VCCO + 0.5V)
Continuous Power Dissipation (TA = +70°C)
48-Pin TSSOP (derate 16mW/°C above +70°C) ........1282mW
ESD Protection
Human Body Model (RD = 1.5k
Ω, CS = 100pF)
All Pins to GND .............................................................±2.5kV
IEC 61000-4-2 (RD = 330
Ω, CS = 150pF)
LVDS Inputs to GND (Air-Gap Discharge).....................±15kV
LVDS Inputs to GND (Contact Discharge).......................±8kV
ISO 10605 (RD = 2.0k
Ω, CS = 330pF)
LVDS Inputs to GND (Air-Gap Discharge).....................±30kV
LVDS Inputs to GND (Contact Discharge).......................±6kV
Operating Temperature Range .........................-40°C to +105°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Power-Supply Range
VCC,
LVDSVCC,
PLLVCC
3.0
3.6
V
Output-Supply Range
VCCO
1.8
5.5
V
16MHz
45
61
DC-balanced
mode (SSG = low)
34MHz
72
96
20MHz
59
79
33MHz
80
106
Non-DC-balanced
mode (SSG = low)
40MHz
93
123
16MHz
57
78
DC-balanced mode
(SSG = high or open) 34MHz
93
125
20MHz
71
96
33MHz
98
129
Worst-Case Supply Current
ICCW
CL = 8pF,
worst-case pattern,
VCC = VCCO = 3.0V
to 3.6V, Figure 2
(MAX9242,
MAX9244,
MAX9254)
Non-DC-balanced
mode
(SSG = high or open) 40MHz
115
145
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn