Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX9242 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part No. MAX9242
Description  21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX9242 Datasheet(HTML) 14 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
21-Bit Deserializers with Programmable
Spread Spectrum and DC Balance
To select the mid level, leave the input open, or if driven,
put the driver output in high impedance. The driver high-
impedance leakage current must be less than ±10µA.
Any spread change causes a maximum delay time of
32,800 x RCIP before output data is valid. When the
spread amount is changed from ±2% to ±4% or vice-
versa, the data outputs go low for one delay time (see
Figure 13). Similarly, when the spread is changed from
no spread to ±2% or ±4%, the data outputs go low for
one delay time (see Figure 14). The data outputs contin-
ue to switch but are not valid when the spread amount is
changed from ±2% or ±4% to no spread (see Figure
15). The spread-spectrum function is also available
when the MAX9242/MAX9244/MAX9246/MAX9254 oper-
ate in non-DC-balanced mode.
Hot Swap
When the MAX9242/MAX9244/MAX9246/MAX9254 are
connected to an active serializer, they synchronize correct-
ly. The PLL control voltage does not saturate in response to
high-frequency glitches that may occur during a hot swap.
The PWRDWN input on the MAX9242/MAX9244/MAX9246/
MAX9254 does not need to be cycled when these devices
are connected to an active serializer.
PLL Lock Time
The MAX9242/MAX9244/MAX9246/MAX9254 use two
PLLs. The first PLL (PLL1) generates a 7x clock (non-DC-
balanced mode) or a 9x clock (DC-balanced mode) from
RxCLKIN for deserializing the LVDS inputs. The second
PLL (SSPLL) is used for spread-spectrum modulation.
During initial power-up, the PLL1 locks, and SSPLL locks
immediately after. The PLL lock times are set by an inter-
nal counter. The maximum time to lock for each PLL is
32,800 clock periods. Power and clock should be stable
to meet the lock time specification. After initialization, if
the first PLL loses lock, it locks again and then the
TxIN_, DCA_, AND DCB_ ARE DATA FROM THE SERIALIZER.
DCA0
DCB1
DCA1
DCB2
DCA2
CYCLE N + 1
CYCLE N
CYCLE N - 1
TxIN2
TxIN6
TxIN3
TxIN4
TxIN5
TxIN9
TxIN13
TxIN10
TxIN11
TxIN12
TxIN2
TxIN3
TxIN4
DCA0
TxIN5
TxIN6
DCB0
TxIN9
TxIN10
TxIN11
DCA1
TxIN12
TxIN13
DCB1
TxIN16
TxIN17
TxIN18
DCA2
TxIN19
TxIN20
DCB2
TxIN0
TxIN1
TxIN7
TxIN8
TxIN14
TxIN15
TxIN16
TxIN20
TxIN17
TxIN18
TxIN19
DCB0
RxCLKIN
RxIN1
RxIN0
RxIN2
TxIN1
TxIN8
TxIN15
TxIN0
TxIN7
TxIN14
+
-
Figure 12. Deserializer Serial Input in DC-Balanced Mode
Table 2. Modulation Rate
fRxCLKIN (MHz)
fM (kHz) = fRxCLKIN / 1016
6
5.91
8
7.87
10
9.84
16
15.75
18
17.72
20
19.68
33
32.48
34
33.46
40
39.37
Table 3. SSG Function
SSG INPUT LEVEL
FUNCTION
High
RxCLKOUT frequency spread
±4% relative to RxCLKIN
Mid
RxCLKOUT frequency spread
±2% relative to RxCLKIN
Low
No spread on RxCLKOUT
relative to RxCLKIN
Note: RxOUT_ data outputs are spread because RxCLKOUT
strobes the output of the FIFO.
14
______________________________________________________________________________________


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn