Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX9242 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part No. MAX9242
Description  21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX9242 Datasheet(HTML) 12 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
21-Bit Deserializers with Programmable
Spread Spectrum and DC Balance
12
______________________________________________________________________________________
MAX9242
MAX9244
MAX9246
MAX9254
RxIN0+
RxIN0-
RxIN1+
RxIN1-
RxIN2+
RxIN2-
RxCLKIN+
RxCLKIN-
DCB
RxOUT0–RxOUT6
RxOUT7–RxOUT13
RxOUT14–RxOUT20
RxCLKOUT
SSG
SERIAL-TO-PARALLEL
CHANNEL 0
7
7
SERIAL-TO-PARALLEL
CHANNEL 1
7
7
SERIAL-TO-PARALLEL
CHANNEL 2
7
7
FIFO
PLL1
7x OR 9x STROBES
FIFO
CONTROL
SPREAD-
SPECTRUM
PLL (SSPLL)
CLK
IN
CLK
OUT
PARALLEL
CLOCK
PWRDWN
Functional Diagram
Pin Description (continued)
PIN
NAME
FUNCTION
34
RxOUT7
35
RxOUT8
37
RxOUT9
39
RxOUT10
40
RxOUT11
41
RxOUT12
Channel 1 Single-Ended Outputs
42
VCC
Digital Supply Voltage. Bypass VCC to GND with 0.1µF and 0.001µF capacitors in parallel as close to the
pin as possible.
43
RxOUT13
Channel 1 Single-Ended Output
45
RxOUT14
46
RxOUT15
47
RxOUT16
Channel 2 Single-Ended Outputs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn