Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX9242 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part No. MAX9242
Description  21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX9242 Datasheet(HTML) 10 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
21-Bit Deserializers with Programmable
Spread Spectrum and DC Balance
10
______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = PLLVCC = LVDSVCC = VCCO = +3.3V, CL = 8pF, PWRDWN = high, differential input voltage |VID| = 0.2V, input common-mode
voltage VCM = 1.2V, TA = +25°C, MAX9244/MAX9254, unless otherwise noted.)
RxCLKOUT POWER SPECTRUM
vs. FREQUENCY
(RxCLKIN_ = 16MHz, NO SPREAD)
FREQUENCY (MHz)
16
-40
-30
-20
-10
0
10
20
-50
-70
-60
-80
14
18
RESOLUTION BW = 100kHz
VIDEO BW = 100kHz
ATTENUATION = 50dB
RxCLKOUT POWER SPECTRUM
vs. FREQUENCY
(RxCLKIN_ = 16MHz, 2% SPREAD)
FREQUENCY (MHz)
16
-40
-30
-20
-10
0
10
20
-50
-70
-60
-80
14
18
RESOLUTION BW = 100kHz
VIDEO BW = 100kHz
ATTENUATION = 50dB
RxCLKOUT POWER SPECTRUM
vs. FREQUENCY
(RxCLKIN_ = 16MHz, 4% SPREAD)
FREQUENCY (MHz)
16
-40
-30
-20
-10
0
10
20
-50
-70
-60
-80
14
18
RESOLUTION BW = 100kHz
VIDEO BW = 100kHz
ATTENUATION = 50dB
RxOUT_ POWER SPECTRUM
vs. FREQUENCY
(RxCLKIN_ = 33MHz, NO SPREAD)
FREQUENCY (MHz)
16.5
-40
-30
-20
-10
0
10
20
-50
-70
-60
-80
15.0
18.0
RESOLUTION BW = 100kHz
VIDEO BW = 100kHz
ATTENUATION = 50dB
RxOUT_ POWER SPECTRUM
vs. FREQUENCY
(RxCLKIN_ = 33MHz, 2% SPREAD)
FREQUENCY (MHz)
16.5
-40
-30
-20
-10
0
10
20
-50
-70
-60
-80
15.0
18.0
RESOLUTION BW = 100kHz
VIDEO BW = 100kHz
ATTENUATION = 50dB
RxOUT_ POWER SPECTRUM
vs. FREQUENCY
(RxCLKIN_ = 33MHz, 4% SPREAD)
FREQUENCY (MHz)
16.5
-40
-30
-20
-10
0
10
20
-50
-70
-60
-80
15.0
18.0
RESOLUTION BW = 100kHz
VIDEO BW = 100kHz
ATTENUATION = 50dB
RxOUT_ POWER SPECTRUM
vs. FREQUENCY
(RxCLKIN_ = 16MHz, NO SPREAD)
FREQUENCY (MHz)
8
-40
-30
-20
-10
0
10
20
-50
-70
-60
-80
79
RESOLUTION BW = 100kHz
VIDEO BW = 100kHz
ATTENUATION = 50dB
RxOUT_ POWER SPECTRUM
vs. FREQUENCY
(RxCLKIN_ = 16MHz, 2% SPREAD)
FREQUENCY (MHz)
8
-40
-30
-20
-10
0
10
20
-50
-70
-60
-80
79
RESOLUTION BW = 100kHz
VIDEO BW = 100kHz
ATTENUATION = 50dB
RxOUT_ POWER SPECTRUM
vs. FREQUENCY
(RxCLKIN_ = 16MHz, 4% SPREAD)
FREQUENCY (MHz)
8
-40
-30
-20
-10
0
10
20
-50
-70
-60
-80
79
RESOLUTION BW = 100kHz
VIDEO BW = 100kHz
ATTENUATION = 50dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn