Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DJIXF972MPCA4 Datasheet(PDF) 1 Page - Intel Corporation

Part # DJIXF972MPCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DJIXF972MPCA4 Datasheet(HTML) 1 Page - Intel Corporation

  DJIXF972MPCA4 Datasheet HTML 1Page - Intel Corporation DJIXF972MPCA4 Datasheet HTML 2Page - Intel Corporation DJIXF972MPCA4 Datasheet HTML 3Page - Intel Corporation DJIXF972MPCA4 Datasheet HTML 4Page - Intel Corporation DJIXF972MPCA4 Datasheet HTML 5Page - Intel Corporation DJIXF972MPCA4 Datasheet HTML 6Page - Intel Corporation DJIXF972MPCA4 Datasheet HTML 7Page - Intel Corporation DJIXF972MPCA4 Datasheet HTML 8Page - Intel Corporation DJIXF972MPCA4 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
Intel® LXT972M Single-Port 10/100 Mbps
PHY Transceiver
Datasheet
The Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver is an IEEE compliant Fast
Ethernet PHY Transceiver that directly supports both 100BASE-TX and 10BASE-T applications. It
provides a Media Independent Interface (MII) for easy attachment to 10/100 Media Access
Controllers (MACs). Both full and half-duplex operation at 10 Mbps and 100 Mbps is supported.
Operation mode can be set to auto-negotiation, parallel detection, or manual control. The device is
powered from a single 3.3V power supply.
Applications
Product Features
Combination 10BASE-T/100BASE-TX
Network Interface Cards (NICs)
Wireless access points
Network printers
10/100 Personal Computer Memory Card
International Association (PCMCIA) cards
Cable Modems and Set-Top Boxes
3.3V Operation
IEEE 802.3-compliant 10BASE-T or
100BASE-TX with integrated filters
Auto-negotiation and parallel detection
MII interface with extended register
capability
Robust baseline wander correction
Carrier Sense Multiple Access / Collision
Detection (CSMA/CD) or full-duplex
operation
JTAG boundary scan
MDIO serial port or hardware pin
configurable
Integrated, programmable LED drivers
48-pin Low-profile Quad Flat Package
Document Number: 302875-005
Revision Date: 27-Oct-2005
TX_EN
RX_ER
CRS
Power Supply
Management /
Mode Select
Logic
ADDR[1:0]
MDIO
MDC
RX_DV
TPON
TPOP
TPIN
TPIP
REFCLK/XI
VCC
GND
COL
RX_CLK
TX_CLK
TXD[3:0]
Decoder &
Descrambler
+
-
Serial-to-
Parallel
Converter
Scrambler
& Encoder
Parallel/Serial
Converter
Carrier Sense
Data Valid
Error Detect
Auto
Negotiation
Manchester
Decoder
Manchester
Encoder
10
100
10
100
Media
Select
TP
Driver
TP Out
Register
Set
Register Set
Clock
Generator
+
-
10BT
Collision
Detect
Clock
Generator
OSP
Adaptive EQ with
Baseline Wander
Cancellation
OSP
Slicer
OSP
Pulse
Shaper
RXD[3:0]
+
-
100TX
TP In
JTAG
5
TDO
TMS
TCK
TRST_L
RESET_L
B3387-13
LED/CFG[3:1]
TDI
XO


Similar Part No. - DJIXF972MPCA4

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DJIXFEAD0QE000 INTEL-DJIXFEAD0QE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
DJIXFEAD0QE001 INTEL-DJIXFEAD0QE001 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
DJIXFEAD0SE000 INTEL-DJIXFEAD0SE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
DJIXFEAD0SE001 INTEL-DJIXFEAD0SE001 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
DJIXFECD0QE000 INTEL-DJIXFECD0QE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
More results

Similar Description - DJIXF972MPCA4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
Intel Corporation
LXT9785 INTEL-LXT9785 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
   Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
AC101L-PB01-R ETC-AC101L-PB01-R Datasheet
102Kb / 2P
   10 / 100 BASE-TX SINGLE-PHY TRANSCEIVER
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
AC101-QF ETC-AC101-QF Datasheet
155Kb / 2P
   10/100 BASE - TX SINGLE-CHANNEL ALTI PHY TRANSCEIVER
AC101L ETC2-AC101L Datasheet
73Kb / 2P
   10/100BASE-TX SINGLE-PHY TRANSCEIVER
logo
Texas Instruments
DP83848-EP TI1-DP83848-EP_V01 Datasheet
2Mb / 97P
[Old version datasheet]   PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
logo
Vitesse Semiconductor C...
VSC8201 VITESSE-VSC8201 Datasheet
487Kb / 21P
   Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com