Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB50NE10 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB50NE10
Description  N-channel 100V - 0.021廓 - 50A - D2PAK STripFET??Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB50NE10 Datasheet(HTML) 4 Page - STMicroelectronics

  STB50NE10_06 Datasheet HTML 1Page - STMicroelectronics STB50NE10_06 Datasheet HTML 2Page - STMicroelectronics STB50NE10_06 Datasheet HTML 3Page - STMicroelectronics STB50NE10_06 Datasheet HTML 4Page - STMicroelectronics STB50NE10_06 Datasheet HTML 5Page - STMicroelectronics STB50NE10_06 Datasheet HTML 6Page - STMicroelectronics STB50NE10_06 Datasheet HTML 7Page - STMicroelectronics STB50NE10_06 Datasheet HTML 8Page - STMicroelectronics STB50NE10_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STB50NE10
4/13
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 250µA, VGS =0
100
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = Max rating
VDS = Max rating,
TC = 125°C
1
10
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 20V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250µA
2
3
4
V
RDS(on)
Static drain-source on
resistance
VGS = 10V, ID = 25A
0.021
0.027
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
Forward
transconductance
VDS=VDS>ID(on)xRDS(on)
max, ID =20A
20
35
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25V, f = 1MHz,
VGS = 0
4350
500
175
6000
pF
pF
pF
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 50V, ID = 25A
RG =4.7Ω VGS = 10V
(see Figure 12)
25
100
45
35
ns
ns
ns
ns
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 80V, ID = 50A,
VGS = 10V, RG =4.7Ω
(see Figure 13)
123
24
47
166
nC
nC
nC


Similar Part No. - STB50NE10_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB50NE10L STMICROELECTRONICS-STB50NE10L Datasheet
51Kb / 5P
   N - CHANNEL 100V - 0.020ohm - 50A - D2PAK STripFET POWER MOSFET
More results

Similar Description - STB50NE10_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP50NE10 STMICROELECTRONICS-STP50NE10 Datasheet
232Kb / 8P
   N-channel 100V - 0.021??- 50A TO-220 STripFET??Power MOSFET
STB50NE10 STMICROELECTRONICS-STB50NE10 Datasheet
86Kb / 8P
   N - CHANNEL 100V - 0.02ohm - 50A - D2PAK STripFET] POWER MOSFET
STB50NE10L STMICROELECTRONICS-STB50NE10L Datasheet
51Kb / 5P
   N - CHANNEL 100V - 0.020ohm - 50A - D2PAK STripFET POWER MOSFET
STB40NF10 STMICROELECTRONICS-STB40NF10_07 Datasheet
411Kb / 13P
   N-channel 100V - 0.025廓 - 50A - D2PAK Low gate charge STripFET??II Power MOSFET
STB60NF10 STMICROELECTRONICS-STB60NF10_06 Datasheet
370Kb / 15P
   N-channel 100V - 0.019廓 - 80A - TO-220 - D2PAK - I2PAK STripFET??II Power MOSFET
STB16NF06LT4 STMICROELECTRONICS-STB16NF06LT4 Datasheet
405Kb / 13P
   N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
STB16NF06L STMICROELECTRONICS-STB16NF06L_06 Datasheet
406Kb / 13P
   N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
STP50NE10L STMICROELECTRONICS-STP50NE10L Datasheet
86Kb / 8P
   N - CHANNEL 100V - 0.020ohm - 50A TO-220 STripFET POWER MOSFET
logo
Fairchild Semiconductor
FDP150N10A FAIRCHILD-FDP150N10A Datasheet
321Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100V, 50A, 15m廓
logo
STMicroelectronics
STP40NF10 STMICROELECTRONICS-STP40NF10 Datasheet
479Kb / 11P
   N-CHANNEL 100V - 0.024ohm - 50A TO-220/D2PAK/I2PAK LOW GATE CHARGE STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com