Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DJIXF972MLCA4 Datasheet(PDF) 88 Page - Intel Corporation

Part # DJIXF972MLCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DJIXF972MLCA4 Datasheet(HTML) 88 Page - Intel Corporation

Back Button DJIXF972MLCA4 Datasheet HTML 84Page - Intel Corporation DJIXF972MLCA4 Datasheet HTML 85Page - Intel Corporation DJIXF972MLCA4 Datasheet HTML 86Page - Intel Corporation DJIXF972MLCA4 Datasheet HTML 87Page - Intel Corporation DJIXF972MLCA4 Datasheet HTML 88Page - Intel Corporation DJIXF972MLCA4 Datasheet HTML 89Page - Intel Corporation DJIXF972MLCA4 Datasheet HTML 90Page - Intel Corporation DJIXF972MLCA4 Datasheet HTML 91Page - Intel Corporation DJIXF972MLCA4 Datasheet HTML 92Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 88 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
88
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
Table 55 lists digital configuration bits for the LXT972M Transceiver.
20.7:4
LED3
Programming
bits
0000 = Display Speed Status
0001 = Display Transmit Status
0010 = Display Receive Status (Default)
0011 = Display Collision Status
0100 = Display Link Status
0101 = Display Duplex Status
0110 = Unused
0111 = Display Receive or Transmit Activity
1000 = Test mode- turn LED on
1001 = Test mode- turn LED off
1010 = Test mode- blink LED fast
1011 = Test mode- blink LED slow
1100 = Display Link and Receive Status combined
2
(Stretched)3
1101 = Display Link and Activity Status combined
2
(Stretched)3
1110 = Display Duplex and Collision Status combined
4
(Stretched)3
1111 = Unused
R/W
0010
20.3:2
LEDFREQ5
00 = Stretch LED events to 30 ms.
01 = Stretch LED events to 60 ms.
10 = Stretch LED events to 100 ms.
11 = Reserved.
R/W
00
20.1
PULSE-
STRETCH
0 = Disable pulse stretching of all LEDs.
1 = Enable pulse stretching of all LEDs.
R/W
1
20.0
Reserved
Write as ‘0’. Ignore on Read.
R/W
0
Table 54. LED Configuration Register - Address 20, Hex 14 (Sheet 2 of 2)
Bit
Name
Description
Type 1
Default
1. R/W = Read /Write. RO = Read Only. LH = Latching High
2. Link status is the primary LED driver. The LED is asserted (solid ON) when the link is up.
The secondary LED driver (Receive or Activity) causes the LED to change state (blink).
Activity causes the LED to blink, regardless of the link status.
3. Combined event LED settings are not affected by Pulse Stretch Register bit 20.1. These display settings
are stretched regardless of the value of 20.1.
4. Duplex status is the primary LED driver. The LED is asserted (solid ON) when the link is full-duplex.
Collision status is the secondary LED driver. The LED changes state (blinks) when a collision occurs.
5. Values are approximations. Not guaranteed or production tested.
Table 55. Digital Configuration Register - Address 26, Hex 1A
Bit
Name
Description
Type 1
Default
26.15:12
Reserved
Write as ‘0’. Ignore on Read.
R/W
0000
26.11
MII Drive Strength
MII Drive Strength
0 = Normal MII drive strength
1 = Increase MII drive strength
R/W
0
26.10
Reserved
Write as ‘0’. Ignore on Read.
R/W
0
26.9
Show Symbol Error
Show Symbol Error
0 = Normal MII_RXER
1 = 100BASE-X Error Signal to MII_RxER
R/W
0
26.8:0
Reserved
Write as ‘0’. Ignore on Read.
RO
00000000
0
1. R/W = Read /Write, RO = Read Only


Similar Part No. - DJIXF972MLCA4

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DJIXFEAD0QE000 INTEL-DJIXFEAD0QE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
DJIXFEAD0QE001 INTEL-DJIXFEAD0QE001 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
DJIXFEAD0SE000 INTEL-DJIXFEAD0SE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
DJIXFEAD0SE001 INTEL-DJIXFEAD0SE001 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
DJIXFECD0QE000 INTEL-DJIXFECD0QE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
More results

Similar Description - DJIXF972MLCA4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
Intel Corporation
LXT9785 INTEL-LXT9785 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
   Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
AC101L-PB01-R ETC-AC101L-PB01-R Datasheet
102Kb / 2P
   10 / 100 BASE-TX SINGLE-PHY TRANSCEIVER
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
AC101-QF ETC-AC101-QF Datasheet
155Kb / 2P
   10/100 BASE - TX SINGLE-CHANNEL ALTI PHY TRANSCEIVER
AC101L ETC2-AC101L Datasheet
73Kb / 2P
   10/100BASE-TX SINGLE-PHY TRANSCEIVER
logo
Texas Instruments
DP83848-EP TI1-DP83848-EP_V01 Datasheet
2Mb / 97P
[Old version datasheet]   PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
logo
Vitesse Semiconductor C...
VSC8201 VITESSE-VSC8201 Datasheet
487Kb / 21P
   Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com