Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DJIXE972MLCA4 Datasheet(PDF) 16 Page - Intel Corporation

Part # DJIXE972MLCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DJIXE972MLCA4 Datasheet(HTML) 16 Page - Intel Corporation

Back Button DJIXE972MLCA4 Datasheet HTML 12Page - Intel Corporation DJIXE972MLCA4 Datasheet HTML 13Page - Intel Corporation DJIXE972MLCA4 Datasheet HTML 14Page - Intel Corporation DJIXE972MLCA4 Datasheet HTML 15Page - Intel Corporation DJIXE972MLCA4 Datasheet HTML 16Page - Intel Corporation DJIXE972MLCA4 Datasheet HTML 17Page - Intel Corporation DJIXE972MLCA4 Datasheet HTML 18Page - Intel Corporation DJIXE972MLCA4 Datasheet HTML 19Page - Intel Corporation DJIXE972MLCA4 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
16
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
Table 4 lists signal descriptions of the LXT972M Transceiver MII data interface pins.
Table 4.
Intel® LXT972M Transceiver MII Data Interface Signal Descriptions
LQFP
Pin#
Symbol
Type
Signal Description
47
46
45
44
TXD3
TXD2
TXD1
TXD0
I
Transmit Data.
TXD is a group of parallel data signals that are driven by the MAC.
TXD[3:0] transition synchronously with respect to TX_CLK.
TXD[0] is the least-significant bit.
43
TX_EN
I
Transmit Enable.
The MAC asserts this signal when it drives valid data on TXD.
This signal must be synchronized to TX_CLK.
42
TX_CLK
O
Transmit Clock.
TX_CLK is sourced by the PHY in both 10 and 100 Mbps
operations.
2.5 MHz for 10 Mbps operation
25 MHz for 100 Mbps operation.
33
34
35
36
RXD3
RXD2
RXD1
RXD0
O
Receive Data.
RXD is a group of parallel signals that transition synchronously with
respect to RX_CLK.
RXD[0] is the least-significant bit.
37
RX_DV
O
Receive Data Valid.
The LXT972M Transceiver asserts this signal when it drives valid
data on RXD.
This output is synchronous to RX_CLK.
41
RX_ER
O
Receive Error.
Signals a receive error condition has occurred.
This output is synchronous to RX_CLK.
40
RX_CLK
O
Receive Clock.
25 MHz for 100 Mbps operation.
2.5 MHz for 10 Mbps operation.
For details, see “Clock Requirements” on page 28 in Chapter 5.0,
“Functional Description”.
48
COL
O
Collision Detected.
The LXT972M Transceiver asserts this output when a collision is
detected.
This output remains High for the duration of the collision.
This signal is asynchronous and is inactive during full- duplex
operation.
1
CRS
O
Carrier Sense.
During half-duplex operation (Register bit 0.8 = 0), the LXT972M
Transceiver asserts this output when either transmitting or receiving
data packets.
During full-duplex operation (Register bit 0.8 = 1), CRS is asserted
only during receive.
CRS assertion is asynchronous with respect to RX_CLK. CRS is
de-asserted on loss of carrier, synchronous to RX_CLK.


Similar Part No. - DJIXE972MLCA4

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DJIXEEAD0QE000 INTEL-DJIXEEAD0QE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
DJIXEEAD0QE001 INTEL-DJIXEEAD0QE001 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
DJIXEEAD0SE000 INTEL-DJIXEEAD0SE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
DJIXEEAD0SE001 INTEL-DJIXEEAD0SE001 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
DJIXEECD0QE000 INTEL-DJIXEECD0QE000 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
More results

Similar Description - DJIXE972MLCA4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
Intel Corporation
LXT9785 INTEL-LXT9785 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
   Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
AC101L-PB01-R ETC-AC101L-PB01-R Datasheet
102Kb / 2P
   10 / 100 BASE-TX SINGLE-PHY TRANSCEIVER
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
AC101-QF ETC-AC101-QF Datasheet
155Kb / 2P
   10/100 BASE - TX SINGLE-CHANNEL ALTI PHY TRANSCEIVER
AC101L ETC2-AC101L Datasheet
73Kb / 2P
   10/100BASE-TX SINGLE-PHY TRANSCEIVER
logo
Texas Instruments
DP83848-EP TI1-DP83848-EP_V01 Datasheet
2Mb / 97P
[Old version datasheet]   PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
logo
Vitesse Semiconductor C...
VSC8201 VITESSE-VSC8201 Datasheet
487Kb / 21P
   Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com