Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8795A Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8795A
Description  TFT-LCD DC-DC Converter with Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8795A Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8795A Datasheet HTML 1Page - Maxim Integrated Products MAX8795A Datasheet HTML 2Page - Maxim Integrated Products MAX8795A Datasheet HTML 3Page - Maxim Integrated Products MAX8795A Datasheet HTML 4Page - Maxim Integrated Products MAX8795A Datasheet HTML 5Page - Maxim Integrated Products MAX8795A Datasheet HTML 6Page - Maxim Integrated Products MAX8795A Datasheet HTML 7Page - Maxim Integrated Products MAX8795A Datasheet HTML 8Page - Maxim Integrated Products MAX8795A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TFT-LCD DC-DC Converter with
Operational Amplifiers
_______________________________________________________________________________________
5
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
IN Supply Range
VIN
(Note 2)
2.5
6.0
V
IN Undervoltage-Lockout
Threshold
VUVLO
VIN rising, typical hysteresis = 150mV
2.05
2.45
V
VFB = VFBP = 1.3V, VFBN = 0V,
LX not switching
1.0
IN Quiescent Current
IIN
VFB = 1.2V, VFBP = 1.4V, VFBN = 0V,
LX switching
3
mA
REF Output Voltage
No external load
1.218
1.277
V
REF Undervoltage-Lockout
Threshold
Rising edge; typical hysteresis = 160mV
1.15
V
MAIN STEP-UP REGULATOR
Output Voltage Range
VMAIN
VIN
18
V
Operating Frequency
fOSC
900
1400
kHz
FB Regulation Voltage
VFB
No load
1.198
1.260
V
FB Line Regulation
VIN = 2.5V to 6V
±0.4
%/ V
FB Transconductance
∆ICOMP = ±2.5µA
75
280
µS
LX On-Resistance
RLX(ON)
ILX = 200mA
260
m
LX Current Limit
ILIM
VFB = 1.2V, duty cycle = 75%
2.5
3.5
A
OPERATIONAL AMPLIFIERS
SUP Supply Range
VSUP
618
V
SUP Overvoltage Fault Threshold
18.0
19.9
V
SUP Supply Current
ISUP
Buffer configuration, VPOS_ = VSUP / 2,
no load
5mA
Input Offset Voltage
VOS
(VNEG_, VPOS_, IOUT_) =
≅ VSUP / 2
12
mV
Input Common-Mode Voltage
Range
VCM
0VSUP
V
Output Voltage Swing, High
VOH
IOUT_ = 5mA
VSUP -
100
mV
Output Voltage Swing Low
VOL
IOUT_ = -5mA
100
Source
75
Short-Circuit Current
To VSUP / 2
Sink
75
mA
GATE-ON LINEAR-REGULATOR CONTROLLER
FBP Regulation Voltage
VFBP
IDRVP = 100µA
1.210
1.280
V
FBP Effective Load-Regulation
Error (Transconductance)
VDRVP = 10V, IDRVP = 50µA to 1mA
-1.5
%
FBP Line (IN) Regulation Error
IDRVP = 100µA, 2.5V < VIN < 6V
10
mV
DRVP Sink Current
IDRVP
VFBP = 1.1V, VDRVP = 10V
1
mA
ELECTRICAL CHARACTERISTICS
(VIN = 3V, VMAIN = VSUP = 14V, VPGND = VAGND = VBGND = 0V, IREF = 25µA, TA = -40°C to +85°C, unless otherwise noted.) (Note 3)


Similar Part No. - MAX8795A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8795A MAXIM-MAX8795A Datasheet
819Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers 0.6mA Quiescent Current
Rev 3; 3/11
MAX8795A MAXIM-MAX8795A Datasheet
641Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers 2.5V to 5.5V Input Supply Range
Rev 4; 6/11
MAX8795A MAXIM-MAX8795A Datasheet
646Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
MAX8795A MAXIM-MAX8795A Datasheet
646Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
MAX8795A MAXIM-MAX8795A Datasheet
194Kb / 10P
   Low-Profile Surface-Mount Components
Rev 0; 5/07
More results

Similar Description - MAX8795A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8795A MAXIM-MAX8795A_12 Datasheet
646Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
MAX1518B MAXIM-MAX1518B Datasheet
1Mb / 25P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 0; 10/05
MAX8739 MAXIM-MAX8739 Datasheet
835Kb / 19P
   TFT, LCD, DC-DC Converter with Operational Amplifiers
Rev 0; 1/06
MAX8795A MAXIM-MAX8795A Datasheet
646Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers
Rev 5; 5/12
logo
Global Mixed-mode Techn...
G5519 GMT-G5519 Datasheet
633Kb / 1P
   TFT-LCD DC/DC Converter with Operational Amplifiers
logo
Maxim Integrated Produc...
MAX1542 MAXIM-MAX1542 Datasheet
506Kb / 20P
   TFT LCD DC-to-DC Converter with Operational Amplifiers
19-2741; Rev 0; 4/03
MAX1516 MAXIM-MAX1516 Datasheet
919Kb / 26P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 0; 4/04
MAX1516A MAXIM-MAX1516A Datasheet
1Mb / 29P
   TFT-LCD DC-DC Converters with Operational Amplifiers
Rev 1; 10/14
logo
E-CMOS Corporation
EC9219 E-CMOS-EC9219 Datasheet
381Kb / 14P
   TFT- LCD DC-DC Converters with Operational Amplifiers
logo
Maxim Integrated Produc...
MAX8795A MAXIM-MAX8795A_11 Datasheet
819Kb / 31P
   TFT-LCD DC-DC Converter with Operational Amplifiers 0.6mA Quiescent Current
Rev 3; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com